Electronic Components Datasheet Search
  English  ▼

X  

NERO-LP1 Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button NERO-LP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 16Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 17Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
15
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
9 Contact Information
Head Office – Glasgow, UK
Branch Office – Tigard, Oregon, USA
Future Technology Devices International Limited
Unit 1, 2 Seaward Place, Centurion Business Park
Glasgow G41 1HH
United Kingdom
Tel: +44 (0) 141 429 2777
Fax: +44 (0) 141 429 2758
Future Technology Devices International Limited (USA)
7130 SW Fir Loop
Tigard, OR 97223-8160
USA
Tel: +1 (503) 547 0988
Fax: +1 (503) 547 0987
E-mail (Sales)
sales1@ftdichip.com
E-mail (Sales)
us.sales@ftdichip.com
E-mail (Support)
support1@ftdichip.com
E-mail (Support)
us.support@ftdichip.com
E-mail (General Enquiries)
admin1@ftdichip.com
E-mail (General Enquiries)
us.admin@ftdichip.com
Branch Office – Taipei, Taiwan
Branch Office – Shanghai, China
Future Technology Devices International Limited (Taiwan)
2F, No. 516, Sec. 1, NeiHu Road
Taipei 114
Taiwan , R.O.C.
Tel: +886 (0) 2 8791 3570
Fax: +886 (0) 2 8791 3576
Future Technology Devices International Limited (China)
Room 1103, No. 666 West Huaihai Road,
Shanghai, 200052
China
Tel: +86 21 62351596
Fax: +86 21 62351595
E-mail (Sales)
tw .sales1@ftdichip.com
E-mail (Sales)
cn.sales@ftdichip.com
E-mail (Support)
tw .support1@ftdichip.com
E-mail (Support)
cn.support@ftdichip.com
E-mail (General Enquiries)
tw .admin1@ftdichip.com
E-mail (General Enquiries)
cn.admin@ftdichip.com
Web Site
http://ftdichip.com
Distributor and Sales Representatives
Please visit the Sales Network page of the FTDI Web site for the contact details of our distributor(s) and sales representative(s)
in your country.
System and equipment manufac turers and des igners are res ponsible to ens ure that their s ys tems , and any Future T ec hnology Devices
I nternational Ltd (FTDI ) devices incorporated in their sys tems , meet all applic able safety, regulatory and sys tem -level performance requirements .
All application-related information in this document (including applic ation desc riptions , s uggested FTDI devic es and other materials ) is prov ided
for referenc e only. While FTDI has taken care to ass ure it is acc urate, this information is s ubject to c ustomer confirmation, and FTDI disclaims all
liability for s ys tem des igns and for any applic ations ass istance provided by FTDI . Use of FTDI devic es in life s upport and/or s afety applic ations is
entirely at the user’s risk, and the us er agrees to defend, indemnify and hold harmless FTDI from any and all damages , claims , s uits or expense
res ulting from s uch us e. T his doc ument is s ubject to c hange without notice. N o freedom to us e patents or other intellec tual p roperty rights is
implied by the public ation of this doc ument. N either the whole nor any part of the information c ontained in, or the produc t desc ribed in this
doc ument, may be adapted or reproduc ed in any material or elec tronic form without the prior written c onsent of the c opyright holder. Future
Tec hnology Devices I nternational Ltd, U nit 1 , 2 Seaward P lac e, Centurion Business Park, Glas gow G41 1HH , U nited Kingdom. Scot land Registered
C ompany N umber: SC136640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com