Electronic Components Datasheet Search
  English  ▼

X  

NERO-LP1 Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button NERO-LP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 16Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 17Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
17
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
AppendixB – List of Figures and Tables
List of Tables
Table 1 - Switch Mode ............................................................................................................................ 6
Table 2- LED Status ............................................................................................................................... 8
Table 3 - Pin Mapping of CN5.................................................................................................................. 9
Table 4 - Pin Mapping of CN7.................................................................................................................. 9
Table 5 - Pin Mapping of CN6.................................................................................................................. 9
Table 6 - Pin Mapping of CN4................................................................................................................ 10
Table 7 - Temperature Parameter......................................................................................................... 11
Table 8 – Operating Voltage and Current .............................................................................................. 11
List of Figures
Figure 1 - NerO Board Top View ............................................................................................................. 5
Figure 2 - DC Power Supply.................................................................................................................... 6
Figure 3 - USB Power Supply.................................................................................................................. 7
Figure 4 - Atmega328P Micro-controller.................................................................................................. 7
Figure 5 - FT231XS USB to Serial Converter ........................................................................................... 8
Figure 6 – NerO Schematic................................................................................................................... 12
Figure 7 – NerO Board Diagram............................................................................................................ 13
Figure 8 – NerO PCB Dimensions (Top view)......................................................................................... 14
Figure 9 - NerO PCB Dimensions (Side view) ........................................................................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com