Electronic Components Datasheet Search
  English  ▼

X  

ADPD2210 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD2210
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210 Datasheet(HTML) 4 Page - Analog Devices

  ADPD2210 Datasheet HTML 1Page - Analog Devices ADPD2210 Datasheet HTML 2Page - Analog Devices ADPD2210 Datasheet HTML 3Page - Analog Devices ADPD2210 Datasheet HTML 4Page - Analog Devices ADPD2210 Datasheet HTML 5Page - Analog Devices ADPD2210 Datasheet HTML 6Page - Analog Devices ADPD2210 Datasheet HTML 7Page - Analog Devices ADPD2210 Datasheet HTML 8Page - Analog Devices ADPD2210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
ADPD2210
Rev. A | Page 3 of 15
SPECIFICATIONS
VCC = 3.3 V TA = 25°C, unless otherwise noted. NSHOT is shot noise. EE is irradiance.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Current Gain
βTLA
VBIAS = 0 V
23.7
24.2
24.8
DYNAMIC PERFORMANCE
Power-Down Recovery Time
tRECOVER
1% full-scale (FS) output
100 nA to 1 μA
50
μs
1 μA to 10 μA
20
μs
Rise
tRISE
10% to 90% FS (240 μA)
5
μs
Fall
tFALL
90% to 10% FS (240 μA)
5
μs
Bandwidth
IIN = 100 nA (dc), 100 nA (ac)
125
kHz
IIN = 1 μA (dc), 100 nA (ac)
85
kHz
INPUT
Input Capacitance
CIN_MAX
8
pF
Nominal Input Current
IIN_MAX
10
μA
Input Offset Voltage
VIN_REF
±5
mV
Reference Voltage
REF
VCC − 1.2
V
STATIC BIAS
Input Referred
ISB
10
nA
Output Referred
OSB
240
nA
NOISE PERFORMANCE
Current Noise Floor, Input Referred
IIN
IIN < 10 nA
80
150
fA/√Hz
Current Noise, Input Referred
IIN = 100 nA,1.5 × NSHOT
260
fA/√Hz
IIN = 1μA, 1.15 × NSHOT
740
fA/√Hz
POWER AND SUPPLY
Supply Voltage
VCC
1.8
3.3
5
V
Standby Current
ISTANDBY
PWDN > VIH
100
nA
Power Supply Rejection Ratio
PSRR
VCC = 1.8 V to 5.0 V, EE = 10 μA
25
nA/V
Supply Current Floor
IFLOOR
IIN = 0 pA
140
μA
Supply Current
ISUPPLY
IOUT = 10 μA
167
μA
IOUT = 240 μA, ISUPPLY = IFLOOR + (3.3 × IOUT)
954
μA
OUTPUT CHARACTERISTICS
Maximum Output Voltage
VOUT_MAX
VCC = 3.3 V, IOUT = 240 μA
VCC − 0.75
V
Nominal Linear Output
IOUT_FS
VCC = 3.3 V
240
μA
VCC = 1.8 V
65
μA
Linearity
TIA, VBIAS = 0 V, RFEEDBACK = 25 kΩ
IIN = 200 nA to 4 μA
0.1
%
IIN = 200 nA to 10 μA
0.3
%
Resistor
IIN = 200 nA to 4 μA, RLOAD = 5kΩ
0.1
%
Peak Output Current
IOUT_PEAK
VCC = 3.3 V
300
μA
VCC = 1.8 V
65
μA
Output Capacitance
COUT
From OUT to GND
5
pF
Output Resistance
ROUT
From OUT to GND
>5
GΩ
POWER-DOWN LOGIC
Input Voltage
High
VIH
VCC − 0.2
V
Low
VIL
0.2
V
Leakage Current
High
IIH
PWDN = 3.3 V
0.2
nA
Low
IIL
PWDN = 0 V
−8.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com