Electronic Components Datasheet Search
  English  ▼

X  

ADPD2210 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD2210
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD2210 Datasheet HTML 3Page - Analog Devices ADPD2210 Datasheet HTML 4Page - Analog Devices ADPD2210 Datasheet HTML 5Page - Analog Devices ADPD2210 Datasheet HTML 6Page - Analog Devices ADPD2210 Datasheet HTML 7Page - Analog Devices ADPD2210 Datasheet HTML 8Page - Analog Devices ADPD2210 Datasheet HTML 9Page - Analog Devices ADPD2210 Datasheet HTML 10Page - Analog Devices ADPD2210 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADPD2210
Data Sheet
Rev. A | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Gain vs. TIA Bias
Figure 4. Gain vs. Temperature at 1 μA Input Current
Figure 5. Linearity Error vs. Input Current (Best Fit over Range)
Figure 6. Maximum Output Current vs. Output Bias
Figure 7. Supply Current vs. Output Current
Figure 8. Pulse Response, Rise/Fall
23.4
23.5
23.6
23.7
23.8
23.9
24.0
24.1
24.2
24.3
24.4
00.5
1.0
1.5
TIA BIAS (V)
100nA
1µA
10µA
TEMPERATURE (°C)
24.12
24.14
24.16
24.18
24.20
24.22
24.24
24.26
24.28
24.30
–40
–20
0
20
40
60
80
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
024
68
10
INPUT CURRENT (µA)
0µA TO 4µA
0µA TO 10µA
0
01.0
1.5
0.5
2.0
3.0
2.5
3.5
4.0
4.5
100
200
300
400
500
600
OUTPUT BIAS (V)
VCC = 1.8V
VCC = 5V
VCC = 3.3V
VCC = 2.5V
0
.2
0
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
100
200
300
400
500
OUTPUT CURRENT (µA)
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
–50
0
50
100
TIME (µs)
10µA
INPUT
100nA
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com