Electronic Components Datasheet Search
  English  ▼

X  

MIC2125 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2125
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2125 Datasheet HTML 20Page - Microchip Technology MIC2125 Datasheet HTML 21Page - Microchip Technology MIC2125 Datasheet HTML 22Page - Microchip Technology MIC2125 Datasheet HTML 23Page - Microchip Technology MIC2125 Datasheet HTML 24Page - Microchip Technology MIC2125 Datasheet HTML 25Page - Microchip Technology MIC2125 Datasheet HTML 26Page - Microchip Technology MIC2125 Datasheet HTML 27Page - Microchip Technology MIC2125 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MIC2125/6
DS20005459B-page 24
 2015 Microchip Technology Inc.
FIGURE 5-5:
Enough Ripple at FB.
The feedback voltage ripple is:
EQUATION 5-24:
• Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor, Cff in this situation,
as shown in Figure 5-7. The typical Cff value is
between 1 nF and 100 nF.
FIGURE 5-6:
Inadequate Ripple at FB.
With the feed-forward capacitor, the feedback
voltage ripple is very close to the output voltage
ripple.
EQUATION 5-25:
• Virtually no ripple at the FB pin voltage due to the
very low ESR of the output capacitors.
Therefore, additional ripple is injected into the FB pin
from the switching node SW via a resistor RINJ and a
capacitor CINJ, as shown in Figure 5-7.
FIGURE 5-7:
Invisible Ripple at FB.
The process of sizing the ripple injection resistor and
capacitors is as follows.
•Select CINJ as 100 nF, which can be considered
as short for a wide range of the frequencies.
•Select Cff to feed all output ripples into the
feedback pin. Typical choice of Cff is 0.47 nF to
47 nF, if R1 and R2 are in the kΩ range. The Cff
value can be calculated using Equation 5-26:
EQUATION 5-26:
•Select RINJ according to Equation 5-27.
EQUATION 5-27:
SW
FB
L
R1
R2
C
OUT
ESR
MIC2125/26
V
FB PP

R2
R1
R2
+
--------------------
ESR
C
OUT
I
LPP

=
Where:
∆IL(PP)
Peak-to-Peak Value of the Inductor
Current Ripple
SW
FB
L
R1
R2
C
ff
C
OUT
ESR
MIC2125/26
V
FB PP

ESR
I
LPP

SW
FB
L
R
INJ
C
INJ
R1
R2
C
ff
C
OUT
ESR
MIC2125/26
C
ff
1
R
P
------
t
S
V
IN
D
1
D
–

V
IN
D
1
D
–


V
FB PP

–
------------------------------------------------------------------------------


»
Where:
VIN
Power Stage Input Voltage
D
Duty Cycle
tS
1/fSW
RP
(R1//R2//RINJ)
∆VFB(PP)
Feedback Ripple
R
INJ
1
C
ff
-------
V
IN
D
1
D
–

V
FB PP

f
SW
--------------------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com