Electronic Components Datasheet Search
  English  ▼

X  

MIC2125 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC2125
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC2125 Datasheet HTML 26Page - Microchip Technology MIC2125 Datasheet HTML 27Page - Microchip Technology MIC2125 Datasheet HTML 28Page - Microchip Technology MIC2125 Datasheet HTML 29Page - Microchip Technology MIC2125 Datasheet HTML 30Page - Microchip Technology MIC2125 Datasheet HTML 31Page - Microchip Technology MIC2125 Datasheet HTML 32Page - Microchip Technology MIC2125 Datasheet HTML 33Page - Microchip Technology MIC2125 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2015 Microchip Technology Inc.
DS2005459B-page 31
MIC2125/6
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC2125YML:
28V, Synchronous Buck
Controller featuring Adap-
tive On-Time Control with
HyperLight Load
,
–40°C to +125°C junction
temperature range,
16LD QFN
b)
MIC2126YML:
28V, Synchronous Buck
Controller featuring Adap-
tive On-Time Control with
Hyper Speed Control
,
–40°C to +125°C junction
temperature range,
16LD QFN
PART NO.
XX
Package
Device
Device:
MIC2125:
28V, Synchronous Buck Controller featur-
ing Adaptive On-Time Control with Hyper-
Light Load
MIC2126:
28V, Synchronous Buck Controller featur-
ing Adaptive On-Time Control with Hyper
Speed Control
Temperature:
Y
=
–40°C to +125°C
Package:
ML =
16-Pin 3 mm x 3 mm QFN
X
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com