Electronic Components Datasheet Search
  English  ▼

X  

MIC2111B Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2111B Datasheet HTML 5Page - Micrel Semiconductor MIC2111B Datasheet HTML 6Page - Micrel Semiconductor MIC2111B Datasheet HTML 7Page - Micrel Semiconductor MIC2111B Datasheet HTML 8Page - Micrel Semiconductor MIC2111B Datasheet HTML 9Page - Micrel Semiconductor MIC2111B Datasheet HTML 10Page - Micrel Semiconductor MIC2111B Datasheet HTML 11Page - Micrel Semiconductor MIC2111B Datasheet HTML 12Page - Micrel Semiconductor MIC2111B Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
9
Revision 2.1
Typical Characteristics
Refer to Typical Application Schematic.
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
OUTPUT CURRENT (A)
Efficiency vs. Output Current
(V
OUT = 1.2V)
8V
IN
12V
IN
16V
IN
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
OUTPUT CURRENT (A)
Efficiency vs. Output Current
(V
IN = 12V)
2.5V V
OUT
1.5V V
OUT
1.0V V
OUT
1.2V V
OUT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
3
4
5
6
V
CC (V)
EN Threshold
vs. V
CC Change
EN THRESHOLD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
TEMPERATURE (˚C)
EN Threshold
vs. Temperature
EN THRESHOLD
10
12
14
16
18
20
22
24
26
28
30
3
4
5
6
V
CC (V)
ISEN Amplifier Gain
vs. V
CC (MIC2111B)
ISEN AMPLIFIER GAIN
10
15
20
25
30
35
-50
0
50
100
150
TEMPERATURE (
˚C)
ISEN Amplifier Gain
vs. Temperature (MIC2111B)
ISEN AMPLIFIER GAIN
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3
4
5
6
V
CC (V)
Error Amplifier Transconductance
vs. V
CC (T = 25°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
0
50
100
150
TEMPERATURE (
˚C)
Error Amplifier Transconductance
vs. Temperature (V
CC = 5V)
0.5
0.55
0.6
0.65
0.7
3
3.5
4
4.5
5
5.5
6
V
CC (V)
Feedback Voltage
vs. V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com