Electronic Components Datasheet Search
  English  ▼

X  

MIC2111B Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2111B Datasheet HTML 1Page - Micrel Semiconductor MIC2111B Datasheet HTML 2Page - Micrel Semiconductor MIC2111B Datasheet HTML 3Page - Micrel Semiconductor MIC2111B Datasheet HTML 4Page - Micrel Semiconductor MIC2111B Datasheet HTML 5Page - Micrel Semiconductor MIC2111B Datasheet HTML 6Page - Micrel Semiconductor MIC2111B Datasheet HTML 7Page - Micrel Semiconductor MIC2111B Datasheet HTML 8Page - Micrel Semiconductor MIC2111B Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
3
Revision 2.1
Ordering Information
Part Number
Switching
Frequency
Junction
Temperature
Range
Current-Sense
Gain
Power
Stage
Package
Lead
Finish
MIC2111BYMT
200kHz to 2MHz
−40°C to +125°C
30V/V
DrMOS
20-Pin
3mm × 3mm TQFN
Pb-Free
Pin Configuration
20-Pin 3mm × 3mm TQFN (MT)
(Top View)
Pin Description
Pin Number
I/O
Pin Name
Pin Name
1
I
SLOPE
Valley Current Mode: Slope compensation can be adjusted by adding a resistor from this pin to
VIN (input power supply).
Voltage Mode: Artificial ramp controlled by SLOPE resistor
2
I
EN
Enable (Input): A logic signal to enable or disable the controller. The EN pin is CMOS
compatible. Logic high = enable, logic low = disable or shutdown. Do not leave floating.
3
I
SEL
Control-Mode Selection Pin: Connect this pin to AGND for valley current-mode operation.
Leave this pin open for voltage mode control operation.
4
I
OVP
Output OVP programming pin. Connect a resistive divider to set OVP.OVP pin has 0.6V
reference (see Functional Description for more details).
5
I
FREQ
Switching Frequency Adjust (Input): Connect a resistor from this pin to GND to set the
switching frequency.
6
I
TJ
Power Module Temperature Sense Pin. Connect resistor divider to program TJ. TJ comparator
has 0.6V reference (see Functional Description for more details).
7
O
PG
Power Good (Output): Open drain output, an external resistor to VOUT is required for pull-up.
8
I
SS
Soft-start pin for limiting inrush current. A resistor from this pin to ground sets the soft-start
time. If enabled, soft-stop time is same as soft-start. Contact factory for soft stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com