Electronic Components Datasheet Search
  English  ▼

X  

MIC2103 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2103
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2103_13 Datasheet HTML 17Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 18Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 19Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 20Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 21Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 22Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 23Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 24Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
21
Revision 2.0
Figure 3b. MIC2103 Control Loop Timing
(Discontinuous Mode)
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about 400
μA,
allowing the MIC2103 to achieve high efficiency in light
load applications.
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2103/04 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from 0
to 100% in about 6ms with 9.7mV steps. Therefore, the
output voltage is controlled to increase slowly by a stair-
case VFB ramp. Once the soft-start cycle ends, the
related
circuitry
is
disabled
to
reduce
current
consumption. VDD must be powered up at the same time
or after VIN to make the soft-start function correctly.
Current Limit
The MIC2103/04 uses the RDS(ON) and external resistor
connected from ILIM pin to SW node to decide the
current limit.
Figure 4. MIC2103/04 Current Limiting Circuit
In each switching cycle of the MIC2103/04 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage V(ILIM)
is compared with the power ground (PGND)
after a
blanking time of 150nS. In this way the drop voltage over
the resistor RCL (VCL) is compared with the drop over the
bottom FET generating the short current limit. The small
capacitor (CCL) connected from ILIM pin to PGND filters
the switching node ringing during the off time allowing a
better short limit measurement. The time constant
created by RCL and CCL should be much less than the
minimum off time.
The VCL drop allows programming of short limit through
the value of the resistor (RCL), If the absolute value of the
voltage drop on the bottom FET is greater than VCL’ in
that case the V(ILIM) is lower than PGND and a short
circuit event is triggered. A hiccup cycle to treat the short
event is generated. The hiccup sequence including the
soft start reduces the stress on the switching FETs and
protects the load and supply for severe short conditions.
The short circuit current limit can be programmed by
using the following formula:
CL
CL
)
ON
(
DS
PP
CLIM
CL
I
V
R
)
5
.
0
I
(
R
+
×
×
∆
−
=
Eq. 3
where ISH = Desired Current limit
Δ
PP = Inductor current peak to peak
RDS (ON) = On resistance of low-side power MOSFET
VCL = Current limit threshold, the typical value is 14mV in
EC table
ICL = Current Limit source current, the typical value is
80µA in EC table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com