Electronic Components Datasheet Search
  English  ▼

X  

MIC2103 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2103
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2103_13 Datasheet HTML 1Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 2Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 3Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 4Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 5Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 6Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 7Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 8Page - Micrel Semiconductor MIC2103_13 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
3
Revision 2.0
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
9, 11
NC
No connection.
10
BST
Voltage Supply Pin input for the high-side N-channel MOSFET driver, which can be powered by a
bootstrapped circuit connected between VDD and SW, using a Schottky diode and a
0.1μF
ceramic capacitor. Adding a small resistor at BST pin can slow down the turn-on speed of the
high-side MOSFET.
12
AGND
Signal ground for VDD and the control circuitry, which is connected to Thermal Pad electronically.
The signal ground return path should be separate from the power ground (PGND) return path.
13
FB
Feedback input. Input to the transconductance amplifier of the control loop. The FB pin is
regulated to 0.8V. A resistor divider connecting the feedback to the output is used to set the
desired output voltage.
14
PG
Power Good output. Open Drain Output, an external pull-up resistor to VDD or external power
rails is required.
15
EN
Enable input. A logic signal to enable or disable the buck converter operation. The EN pin is
CMOS compatible. Logic high enables the device, logic low shutdowns the regulator. In the
disable mode, the VDD supply current for the device is minimized to 0.7mA typically.
16
VIN
Supply voltage. The VIN operating voltage range is from 4.5V to 75V. A 1μF ceramic capacitor
from VIN to AGND is required for decoupling.
EP
ePad
Exposed Pad. Connect the EPAD to PGND plain on the PCB to improve the thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com