Electronic Components Datasheet Search
  English  ▼

X  

MIC2104 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2104
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2104 Datasheet HTML 1Page - Micrel Semiconductor MIC2104 Datasheet HTML 2Page - Micrel Semiconductor MIC2104 Datasheet HTML 3Page - Micrel Semiconductor MIC2104 Datasheet HTML 4Page - Micrel Semiconductor MIC2104 Datasheet HTML 5Page - Micrel Semiconductor MIC2104 Datasheet HTML 6Page - Micrel Semiconductor MIC2104 Datasheet HTML 7Page - Micrel Semiconductor MIC2104 Datasheet HTML 8Page - Micrel Semiconductor MIC2104 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
5
Revision 2.0
Electrical Characteristics
(4) (Continued)
VIN = 48V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −
40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Enable Control
EN Logic Level High
1.8
V
EN Logic Level Low
0.6
V
EN Hysteresis
200
mV
EN Bias Current
VEN = 48V
23
40
µA
Oscillator
Switching Frequency
VFREQ = VIN
400
600
750
kHz
VFREQ = 50%VIN
300
Maximum Duty Cycle
85
%
Minimum Duty Cycle
VFB > 0.8V
0
%
Minimum Off-Time
140
200
260
ns
Soft Start
Soft-Start time
5
ms
Short Circuit Protection
Current-Limit Threshold
VFB = 0.79V
-30
-14
0
mV
Short-Circuit Threshold
VFB = 0V
-23
-7
9
mV
Current-Limit Source Current
VFB = 0.79V
60
80
100
µA
Short-Circuit Source Current
VFB = 0V
27
36
47
µA
FET Drivers
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VPVDD - 0.1V
or
VBST - 0.1V
V
DH On-Resistance, High State
2.1
3.3
Ω
DH On-Resistance, Low State
1.8
3.3
Ω
DL On-Resistance, High State
1.8
3.3
Ω
DL On-Resistance, Low State
1.2
2.3
Ω
SW, BST Leakage Current
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com