Electronic Components Datasheet Search
  English  ▼

X  

MIC2104 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MIC2104
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MIC2104 Datasheet HTML 21Page - Micrel Semiconductor MIC2104 Datasheet HTML 22Page - Micrel Semiconductor MIC2104 Datasheet HTML 23Page - Micrel Semiconductor MIC2104 Datasheet HTML 24Page - Micrel Semiconductor MIC2104 Datasheet HTML 25Page - Micrel Semiconductor MIC2104 Datasheet HTML 26Page - Micrel Semiconductor MIC2104 Datasheet HTML 27Page - Micrel Semiconductor MIC2104 Datasheet HTML 28Page - Micrel Semiconductor MIC2104 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
25
Revision 2.0
A good compromise between size, loss and cost is to set
the inductor ripple current to be equal to 20% of the
maximum output current.
The inductance value is calculated by Equation 13:
OUT(max)
sw
IN(max)
OUT
IN(max)
OUT
I
20%
f
V
)
V
(V
V
L
×
×
×
−
×
=
Eq. 13
where:
fSW = Switching frequency
20% = Ratio of AC ripple current to DC output current
VIN(max) = Maximum power stage input voltage
The peak-to-peak inductor current ripple is:
L
f
V
)
V
(V
V
I
sw
IN(max)
OUT
IN(max)
OUT
L(pp)
×
×
−
×
=
∆
Eq. 14
The peak inductor current is equal to the average output
current plus one half of the peak-to-peak inductor current
ripple.
IL(pk) =IOUT(max) + 0.5 ×
ΔI
L(pp)
Eq. 15
The RMS inductor current is used to calculate the I
2R
losses in the inductor.
12
ΔI
I
I
2
L(PP)
2
OUT(max)
L(RMS)
+
=
Eq. 16
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance. The
high frequency operation of the MIC2103/04 requires the
use of ferrite materials for all but the most cost sensitive
applications. Lower cost iron powder cores may be used
but the increase in core loss will reduce the efficiency of
the power supply. This is especially noticeable at low
output
power.
The
winding
resistance
decreases
efficiency at the higher output current levels. The
winding resistance must be minimized although this
usually comes at the expense of a larger inductor. The
power dissipated in the inductor is equal to the sum of
the core and copper losses. At higher output loads, the
core losses are usually insignificant and can be ignored.
At lower output currents, the core losses can be a
significant contributor. Core loss information is usually
available from the magnetic vendor.
Copper loss in the inductor is calculated by Equation 17:
PINDUCTOR(Cu) = IL(RMS)
2
× R
WINDING
Eq. 17
The resistance of the copper wire, RWINDING, increases
with
the
temperature.
The
value
of
the
winding
resistance used should be at the operating temperature.
PWINDING(Ht) = RWINDING(20°C) × (1 + 0.0042 × (TH – T20°C))
Eq. 18
where:
TH = temperature of wire under full load
T20°C = ambient temperature
RWINDING(20°C) = room temperature winding resistance
(usually specified by the manufacturer)
Output Capacitor Selection
The type of the output capacitor is usually determined by
its ESR (equivalent series resistance). Voltage and RMS
current capability are two other important factors for
selecting the output capacitor. Recommended capacitor
types are tantalum, low-ESR aluminum electrolytic, OS-
CON and POSCAP. The output capacitor’s ESR is
usually the main cause of the output ripple. The output
capacitor ESR also affects the control loop from a
stability point of view. The maximum value of ESR is
calculated:
L(PP)
OUT(pp)
C
ΔI
ΔV
ESR
OUT
≤
Eq. 19
where:
ΔVOUT(pp) = peak-to-peak output voltage ripple
ΔI
L(PP) = peak-to-peak inductor current ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com