Electronic Components Datasheet Search
  English  ▼

X  

UPC1677 Datasheet(PDF) 3 Page - NEC

Part # UPC1677
Description  1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1677 Datasheet(HTML) 3 Page - NEC

  UPC1677 Datasheet HTML 1Page - NEC UPC1677 Datasheet HTML 2Page - NEC UPC1677 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UPC1677B
Vcc = 5 V, Icc = 77 mA
FREQUENCY
S11
S21
S12
S22
KS21
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
50
0.093
121.9
10.68
35.8
0.016
33.1
0.721
95.2
1.54
20.6
100
0.044
95.4
13.01
13.1
0.018
18.3
0.577
51.2
1.55
22.3
200
0.034
85.5
14.22
-6.9
0.017
3.7
0.564
13.5
1.53
23.1
400
0.054
75.5
15.61
-37.3
0.014
12.4
0.668
-31.0
1.36
23.9
600
0.095
41.7
15.47
-67.0
0.020
24.3
0.712
-68.1
0.88
23.8
800
0.138
-7.9
14.55
-92.8
0.027
18.7
0.702
-97.3
0.75
23.3
1000
0.181
-47.5
13.79
-116.4
0.033
5.7
0.689
-120.4
0.72
22.8
1200
0.220
-79.1
13.22
-140.4
0.035
-0.8
0.700
-140.9
0.73
22.4
1400
0.272
-107.7
12.91
-163.0
0.039
-13.9
0.707
-159.0
0.71
22.2
1600
0.310
-135.9
12.45
171.8
0.04
-26.5
0.727
-179.9
0.71
21.9
1800
0.339
-158.7
11.12
144.0
0.040
-39.9
0.736
157.4
0.74
21.0
2000
0.369
165.1
10.68
118.8
0.040
-51.2
0.684
134.0
0.91
20.6
2200
0.346
137.6
9.00
93.0
0.038
-65.0
0.615
108.5
1.14
19.1
2400
0.317
112.0
7.58
68.3
0.033
-74.2
0.512
82.3
1.60
17.6
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC1677B
VCC = 5 V
100
500
1000
3000
40
30
20
10
0
-10
-20
-30
-40
OUTPUT RETURN LOSS vs.
FREQUENCY
Frequency, f (MHz)
VCC
15000 pF
200 nH
IN
OUT
15000 pF
15000 pF
1
7
5
2, 3, 4
6, 8
50
Ω
50
Ω
UPC1677B
TEST CIRCUIT
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -1/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE
LEAD
CONNECTIONS
1. Input
2. GND
3. GND
4. GND
5. Output
6. GND
7. VCC
8. GND
UPC1677B
PACKAGE OUTLINE B08
(LEADS 2, 4, 6, 8) 0.6
1.27±0.1 1.27±0.1
10.6 MAX
3.8±0.2
5
4
3
2
6
7
8
3.8±0.2
10.6 MAX
1
1.7 MAX
0.2
+0.05
-0.02
0.4 (LEADS 1, 3, 5, 7)
Note:
All dimensions are typical unless otherwise specified.
OUTLINE DIMENSIONS (Units in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com