Electronic Components Datasheet Search
  English  ▼

X  

UPC1677 Datasheet(PDF) 1 Page - NEC

Part # UPC1677
Description  1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1677 Datasheet(HTML) 1 Page - NEC

  UPC1677 Datasheet HTML 1Page - NEC UPC1677 Datasheet HTML 2Page - NEC UPC1677 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency, f (MHz)
VCC = 5 V
100
500
1000
3000
40
30
20
10
0
-10
-20
-30
-40
INSERTION GAIN vs. FREQUENCY
1.7 GHz MEDIUM POWER
BROADBAND SILICON MMIC AMPLIFIER
• HIGH POWER OUTPUT:
+19.5 dBm
• EXCELLENT FREQUENCY RESPONSE:
1.7 GHz TYP at 3 dB Down
• HIGH POWER GAIN:
24 dB TYP at 500 MHz
• SINGLE SUPPLY VOLTAGE: 5 V
FEATURES
UPC1677B*
DESCRIPTION
The UPC1677 is a silicon monolithic integrated circuit de-
signed as a wide-band amplifier covering the HF to UHF
bands. The device features high output power, 19.5 dBm
typical, high gain, 24 dB typical and operates from a single 5
volt supply. The UPC1677 is available in an 8 lead ceramic flat
package (UPC1677B).
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
PART NUMBER
UPC1677B
PACKAGE OUTLINE
B08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (No Input)
mA
63
77
93
GS
Small Signal Gain
dB
22
24
26
PSAT
Saturated Power
dBm
17.5
19.5
BW
Bandwidth at 3 dB down below the gain at 100 MHz
MHz
1500
1800
NF
Noise Figure
dB
6
8
RLIN
Input Return Loss
dB
18
RLOUT
Output Return Loss
dB
3
ISOL
Isolation
dB
29
34
∆GT
Gain Temperature Coefficient
dB/
°C
-0.003
RTH (J-A)1
Thermal Resistance (Junction to Ambient)
°C/W
200
RTH (J-C)
Thermal Resistance (Junction to Case)
°C/W
50
Note:
1. Mounted on a 5 cm X 5 cm X .16 mm circuit board.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 5 V, f = 500 MHz)
California Eastern Laboratories
*For Hi-Rel
Applications Only


Similar Part No. - UPC1677

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1677C RENESAS-UPC1677C Datasheet
219Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC1677

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
Intersil Corporation
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 20, 2007
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G_01 Datasheet
252Kb / 6P
100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
logo
Infineon Technologies A...
BGA614 INFINEON-BGA614_08 Datasheet
298Kb / 9P
Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Mar. 2008
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com