Electronic Components Datasheet Search
  English  ▼

X  

TDA7297D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7297D
Description  10W10W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7297D Datasheet HTML 1Page - STMicroelectronics TDA7297D Datasheet HTML 2Page - STMicroelectronics TDA7297D Datasheet HTML 3Page - STMicroelectronics TDA7297D Datasheet HTML 4Page - STMicroelectronics TDA7297D Datasheet HTML 5Page - STMicroelectronics TDA7297D Datasheet HTML 6Page - STMicroelectronics TDA7297D Datasheet HTML 7Page - STMicroelectronics TDA7297D Datasheet HTML 8Page - STMicroelectronics TDA7297D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
TDA7297D
Table 4. Electrical Characteristcs (VCC = 13V, RL = 8Ω, f = 1KHz, Tamb = 25°C unless otherwise
specified)
3
APPLICATIVE SUGGESTIONS
STAND-BY AND MUTE FUNCTIONS
3.1 Microprocessor Application
In order to avoid annoying "Pop-Noise" during Turn-On/Off transients, it is necessary to guarantee the right St-
by and mute signals sequence.It is quite simple to obtain this function using a microprocessor (Fig. 4 and 5).
At first St-by signal (from
µP) goes high and the voltage across the St-by terminal (Pin 9) starts to increase ex-
ponentially. The external RC network is intended to turn-on slowly the biasing circuits of the amplifier, this to
avoid "POP" and "CLICK" on the outputs.
When this voltage reaches the St-by threshold level, the amplifier is switched-on and the external capacitors in
series to the input terminals (C1, C3) start to charge.
It's necessary to mantain the mute signal low until the capacitors are fully charged, this to avoid that the device
goes in play mode causing a loud "Pop Noise" on the speakers.
A delay of 100-200ms between St-by and mute signals is suitable for a proper operation.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Range
6.5
18
V
Iq
Total Quiescent Current
RL = ∞
50
65
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD 10%
8.3
10
W
THD
Total Harmonic Distortion
PO = 1W
0.1
0.3
%
PO = 0.1W to 5W
f = 100Hz to 15KHz
1%
SVR
Supply Voltage Rejection
f = 100Hz, VR =0.5V
40
56
dB
CT
Crosstalk
46
60
dB
AMUTE
Mute Attenuation
60
80
dB
Tw
Thermal Threshold
150
°C
GV
Closed Loop Voltage Gain
31
32
33
dB
∆GV
Voltage Gain Matching
0.5
dB
Ri
Input Resistance
25
30
K
Ω
VTMUTE
Mute Threshold
Vo = -30dB
2.3
2.9
4.1
V
VTST-BY
St-by Threshold
0.8
1.3
1.8
V
IST-BY
St-by Current
100
µA
eN
Total Output Noise Voltage
A Curve
f = 20Hz to 20KHz
150
220
500
µV
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com