Electronic Components Datasheet Search
  English  ▼

X  

TDA7297D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7297D
Description  10W10W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7297D Datasheet HTML 1Page - STMicroelectronics TDA7297D Datasheet HTML 2Page - STMicroelectronics TDA7297D Datasheet HTML 3Page - STMicroelectronics TDA7297D Datasheet HTML 4Page - STMicroelectronics TDA7297D Datasheet HTML 5Page - STMicroelectronics TDA7297D Datasheet HTML 6Page - STMicroelectronics TDA7297D Datasheet HTML 7Page - STMicroelectronics TDA7297D Datasheet HTML 8Page - STMicroelectronics TDA7297D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
TDA7297D
Figure 6. THD+N vs Output Power
Figure 7. THD+N vs Output Power
Figure 8. THD+N vs Frequency
Figure 9. Frequency Response
Figure 10. Output Power vs supply Voltage
Figure 11. Power Dissipation vs Pout
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
20
200m
500m
1
2
5
10
2 x Pout (W)
Vcc=13V
Rl= 8ohm
F=1KHz
f=5KHz
f=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
10
200m
500m
1
2
5
2x Pout (W)
f=1KHz
f=5KHz
Vcc=11V
Rl= 8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
20
10k
50
100
200
500
1k
2k
5k
Frequency (Hz)
Vcc=13V
Rl= 8ohm
Po = 5W
-5.00 0
-4.00 0
-3.00 0
-2.00 0
-1.00 0
0 .0
1 .0000
2 .0000
3 .0000
4 .0000
5 .0000
10
100
1k
10k
100 k
Le ve l(dBr)
fre q ue nc y (H z)
V cc = 16.5V
R l = 8 ohm
Po u t = 1 W
0
2
4
6
8
10
12
14
16
6789
10
11
12
13
14
15
16
Vs (V)
Rl =8ohm
F=1KHz
d=10%
d=1%
0
2
4
6
8
10
12
14
16
6789
10
11
12
13
14
15
16
Vs (V)
Rl =8ohm
F=1KHz
d=10%
d=1%
0
1
2
3
4
5
6
7
8
9
10
11
012
345678
9
10
11
2xPout(W)
Vcc=13V
Rl = 8 ohm
F=1KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com