Electronic Components Datasheet Search
  English  ▼

X  

UT621024 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UT621024
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UT621024 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 10Page - List of Unclassifed Manufacturers UT621024 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
_________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
7
PACKAGE OUTLINE DIMENSION
32 pin 600 mil PDIP Package Outline Dimension
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A1
0.010 (MIN)
0.254 (MIN)
A2
0.150 ± 0.005
3.810 ± 0.127
B
0.018 ± 0.005
0.457 ± 0.127
B1
0.050 ± 0.005 1.270 ± 0.127
c
0.010± 0.004
0.254± 0.102
D
1.650 ± 0.005 41.910 ± 0.127
E
0.600 ± 0.010 15.240 ± 0.254
E1
0.544 ± 0.004 13.818 ± 0.102
e
0.100(TYP)
2.540(TYP)
eB
0.640 ± 0.020 16.256 ± 0.508
L
0.130 ± 0.010
3.302 ± 0.254
S
0.075 ± 0.010
1.905± 0.254
Q1
0.070± 0.005
1.778± 0.127
Note:
1. D/E1/S DIMENSION DO NOT INCLUDE MOLD FLASH.
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com