Electronic Components Datasheet Search
  English  ▼

X  

XRP9711 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP9711
Description  Dual 6A Programmable Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP9711 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP9711 Datasheet HTML 17Page - Exar Corporation XRP9711 Datasheet HTML 18Page - Exar Corporation XRP9711 Datasheet HTML 19Page - Exar Corporation XRP9711 Datasheet HTML 20Page - Exar Corporation XRP9711 Datasheet HTML 21Page - Exar Corporation XRP9711 Datasheet HTML 22Page - Exar Corporation XRP9711 Datasheet HTML 23Page - Exar Corporation XRP9711 Datasheet HTML 24Page - Exar Corporation XRP9711 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
XRP9710 and XRP9711
Dual 6A Programmable Power Module
© 2014 Exar Corporation
21/36
Rev. 1.0.1
coefficients the PID also uses the VIN voltage
to provide a feed forward function.
The XRP9710/1 DPWM includes a special delay
timing loop that provides a timing resolution
that is 16 times the master oscillator
frequency (103MHz) for a timing resolution of
607ps for both the driver pulse width and dead
time delays. The DWPM produces the Gate
High (GH) and Gate Low (GL) signals for the
driver. The maximum and minimum on-times
and dead time delays are programmable by
configuration resisters.
To provide current information, the output
inductor current is measured by a differential
amplifier that reads the voltage drop across
the RDS of the lower FET during its on time.
There are two selectable ranges, a low range
with a gain of 8 for a +20mV to -120 mV
range, and a high range with a gain of 4 for a
+40mV to -280mV range. The optimum range
to use will depend on the maximum output
current and the RDS of the lower FET. The
measured voltage is then converted to a
digital value by the current ADC block. The
resulting current value is stored in a readable
register, and also used to determine when
PWM to PFM transitions should occur.
PFM mode loop
The XRP9710/1 has a PFM loop that can be
enabled to improve efficiency at light loads.
By reducing switching frequency and operating
in the discontinuous conduction mode (DCM),
both switching and I2R losses are minimized.
Figure 23 shows a functional diagram of the
PFM logic.
# Cycles Reg
Default = 20
PFM Current
Threshold Reg
A
A<B
B
IADC
CHx Fsw
A
A<B
B
+
-
+
-
+
-
VREF HIGH
VREF
VREF LOW
VOUT
Q
Q
R
S
PFM EXIT
TRIGGER PULSE
PFM MODE
PWM MODE
COUNTER
Clear
Clk
Figure 23 PFM Enter/Exit Functional Diagram
The PFM loop works in conjunction with the
PWM loop and is entered when the output
current falls below a programmed threshold
level for a programmed number of cycles.
When PFM mode is entered, the PWM loop is
disabled and instead, the scaled output
voltage is compared to Vref with a window
comparator. The window comparator has three
thresholds; normal (Vref), high (Vref +
%high) and low (Vref - %low). The %high and
%low values are programmable and track
Vref.
In PFM mode, the normal comparator is used
to regulate the output voltage. If the output
voltage falls below the Vref level, the
comparator is activated and triggers the
DPWM to start a switching cycle. When the
high side FET is turned on, the inductor
current ramps up which charges up the output
capacitors and increases their voltage. After
the completion of the high side and low side
on-times, the lower FET is turned off to inhibit
any inductor reverse current flow. The load
current then discharges the output capacitors
until the output voltage falls below Vref and
the normal comparator is activated. This
triggers the DPWM to start the next switching
cycle. The time from the end of the switching
cycle to the next trigger is referred to as the
dead zone.
When PFM mode is initially
entered the switching duty cycle is equal to
the steady-state PWM duty cycle. This will
cause the inductor ripple current to be the
same level that it was in PWM mode. During
operation the PFM duty cycle is calculated
based on the ratio of the output voltage to
VCC.
This method ensures that the output
voltage ripple is well controlled and is much
lower than other architectures which use a
“burst” methodology.
If the output voltage goes outside the
high/low windows, PFM mode is exited and the
PWM loop is reactivated.
Although the PFM mode is effective at
improving efficiency at light load, at very light
loads the dead zone time can increase to the
point where the switching frequency can enter
the audio hearing range. When this happens
some components, like the output inductor
and ceramic capacitors, can emit audible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com