Electronic Components Datasheet Search
  English  ▼

X  

XRP9711 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP9711
Description  Dual 6A Programmable Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP9711 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP9711 Datasheet HTML 3Page - Exar Corporation XRP9711 Datasheet HTML 4Page - Exar Corporation XRP9711 Datasheet HTML 5Page - Exar Corporation XRP9711 Datasheet HTML 6Page - Exar Corporation XRP9711 Datasheet HTML 7Page - Exar Corporation XRP9711 Datasheet HTML 8Page - Exar Corporation XRP9711 Datasheet HTML 9Page - Exar Corporation XRP9711 Datasheet HTML 10Page - Exar Corporation XRP9711 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
XRP9710 and XRP9711
Dual 6A Programmable Power Module
© 2014 Exar Corporation
7/36
Rev. 1.0.1
PWM GENERATORS AND OSCILLATOR
Parameter
Min.
Typ.
Max.
Units
Conditions
Switching Frequency (fsw)
Range, Channels 1 and 2
124
1230
kHz
See Applications Information
Switching Frequency (fsw)
Range, Channels 3 and 4
500
750
kHz
fsw Accuracy
–5
5
%
CLOCK IN
Synchronization Frequency
20
25.7
31
MHz
When synchronizing to an external clock
(Range 1)
CLOCK IN
Synchronization Frequency
10
12.8
15.5
MHz
When synchronizing to an external clock
(Range 2)
GPIOS3
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 1mA
Output Pin High Level
2.4
V
ISOURCE = 1mA
Output Pin High Level
3.3
3.6
V
ISOURCE = 0mA
Output Pin High-Z leakage
Current (GPIO pins only)
10
µA
Maximum Sink Current
1
mA
Open Drain Mode
I/O Frequency
30
MHz
I/O configured for clock synchronization
input or output
Note 3: 3.3V CMOS logic compatible, 5V tolerant.
PSIOS4
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 3mA
Output Pin High Level
15
V
Open Drain. External pull-up resistor to
user supply
Output Pin High-Z leakage
Current (PSIO pins only)
10
µA
I/O Frequency
5
MHz
Note 4: 3.3V/5.0V CMOS logic compatible, maximum rating of 15.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com