Electronic Components Datasheet Search
  English  ▼

X  

VDP3130Y Datasheet(PDF) 47 Page - Micronas

Part # VDP3130Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3130Y Datasheet(HTML) 47 Page - Micronas

Back Button VDP3130Y Datasheet HTML 43Page - Micronas VDP3130Y Datasheet HTML 44Page - Micronas VDP3130Y Datasheet HTML 45Page - Micronas VDP3130Y Datasheet HTML 46Page - Micronas VDP3130Y Datasheet HTML 47Page - Micronas VDP3130Y Datasheet HTML 48Page - Micronas VDP3130Y Datasheet HTML 49Page - Micronas VDP3130Y Datasheet HTML 50Page - Micronas VDP3130Y Datasheet HTML 51Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
47
171
bit[11:0]
first line of macrovision detection window
(relative to vsync)
6MCV_START
172
bit[11:0]
last line of macrovision detection window
(relative to vsync)
15
MCV_STOP
Scaler Control Register
40
scaler mode register
bit[1:0]
scaler mode
0
linear scaling mode
1
nonlinear scaling mode, ’panorama’
2
nonlinear scaling mode, ’waterglass’
3
reserved
bit[10:2]
reserved, set to 0
bit[11]
scaler update
0
start scaler update command,
when the registers are updated the bit is set
to 1
0SCMODE
MODE
SCUP
41
luma offset register
bit[6:0]
luma offset 0..127
ITU-R output format:
57
CVBS output format:
4
this register is updated when the scaler mode register is written
57
YOFFS
42
active video length for 1-h FIFO
bit[11:0]
length in pixels
this register is updated when the scaler mode register is written
1080
FFLIM
43
scaler1 coefficient, this scaler is compressing the signal.
For compression by a factor c the value c*1024 is required.
bit[11:0]
allowed values from 1024..4095
this register is updated when the scaler mode register is written
1024
SCINC1
44
scaler2 coefficient, this scaler is expanding the signal.
For expansion by a factor c the value 1/c*1024 is required.
bit[11:0]
allowed values from 256..1024
this register is updated when the scaler mode register is written
1024
SCINC2
45
scaler1/2 nonlinear scaling coefficient
this register is updated when the scaler mode register is written
0
SCINC
47 -
4B
scaler1 window controls, see table
5 12-bit registers for control of the nonlinear scaling
this register is updated when the scaler mode register is written
0
SCW1_0 - 4
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com