Electronic Components Datasheet Search
  English  ▼

X  

VDP3130Y Datasheet(PDF) 28 Page - Micronas

Part # VDP3130Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3130Y Datasheet(HTML) 28 Page - Micronas

Back Button VDP3130Y Datasheet HTML 24Page - Micronas VDP3130Y Datasheet HTML 25Page - Micronas VDP3130Y Datasheet HTML 26Page - Micronas VDP3130Y Datasheet HTML 27Page - Micronas VDP3130Y Datasheet HTML 28Page - Micronas VDP3130Y Datasheet HTML 29Page - Micronas VDP3130Y Datasheet HTML 30Page - Micronas VDP3130Y Datasheet HTML 31Page - Micronas VDP3130Y Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
28
Micronas
2.12.5.EHT Compensation
The vertical waveform can be scaled according the
average beam current. This is used to compensate the
effects of electric high tension changes due to beam
current variations. EHT compensation for East/West
deflection is done with an offset corresponding to the
average beam current.
2.12.6.Protection Circuitry
– Picture tube and drive stage protection is provided
through the following measures:
– Vertical flyback protection input: this pin searches
for a negative edge in every field, otherwise the
RGB drive signals are blanked.
– Drive shutoff during flyback: this feature can be
selected by software.
– Safety input pin: this input has two thresholds.
Between zero and the lower threshold, normal func-
tioning takes place. Between the lower and the
higher threshold, the RGB signals are blanked.
Above the higher threshold, the RGB signals are
blanked and the horizontal drive is shut off. Both
thresholds have a small hysteresis.
– The main oscillator and the horizontal drive circuitry
are run from a separate (standby) power supply and
are already active while the TV set is powering up.
2.13.Reset and Power On
Reset of most VDP 313xY functions is performed by
the RESQ pin. When this pin becomes active all inter-
nal registers and counters are lost. When the RESQ
pin is released, the internal reset is still active for 4
µs.
After that time, the initialization of all required registers
is performed by the internal Fast Processor.
The VDP 313xY has clock and voltage supervision cir-
cuits to generate a stable HOUT signal. The voltage
supervision activates an internal reset signal when the
supply for the digital circuits (VSUPD) goes below
~2.5 V for more than 50 ns. This reset signal is
extended by 50
µs after VSUP
D is back again.
After power on or reset the HOUT generation is
switched to a freerunning mode with a fix duty cycle of
50 %. For normal operation the EHPLL bit has to be
set first. During the switch the actual period of HOUT
can vary by up to 1
µs.
Fig. 2–26: External Reset
4
µs
approx. 60
µs
Reset
Initialization
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com