Electronic Components Datasheet Search
  English  ▼

X  

DG409LE Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG409LE
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LE Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG409LE Datasheet HTML 4Page - Vishay Siliconix DG409LE Datasheet HTML 5Page - Vishay Siliconix DG409LE Datasheet HTML 6Page - Vishay Siliconix DG409LE Datasheet HTML 7Page - Vishay Siliconix DG409LE Datasheet HTML 8Page - Vishay Siliconix DG409LE Datasheet HTML 9Page - Vishay Siliconix DG409LE Datasheet HTML 10Page - Vishay Siliconix DG409LE Datasheet HTML 11Page - Vishay Siliconix DG409LE Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
8
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Power Supply
RDS(on) vs. VD and Temperature (Dual Supply)
Input Threshold vs. V+ Supply Voltage
RDS(on) vs. VD and Power Supply
RDS(on) vs. VD and Temperature
Switching Time vs. Supply Voltage
10
15
20
25
30
35
40
45
50
55
60
65
70
0123456789
10
11
12
V
D - Drain Voltage (V)
V+ = 3.3 V
V+ = 12 V
V+ = 5 V
5
10
15
20
25
30
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
V
D - Drain Voltage (V)
25
°C
-40
°C
V+ = 5 V, V- = - 5 V
85
°C
1.2
1.3
1.4
1.5
1.6
1.7
1.8
3456789
10
11
12
13
14
V+ - Positive Supply Voltage (V)
Upper Threshold Limit
Lower Threshold Limit
10
15
20
25
-5
-4
-3
-2
-1
0
1
2
3
4
5
V
D - Drain Voltage (V)
V+ = +5 V
V- = -5 V
15
20
25
30
35
40
45
50
0123456
V
D - Drain Voltage (V)
V+ = 5 V, V- = 0 V
25 C
85 C
-40 C
20
40
60
80
100
120
140
160
180
3456789
10
11
12
V+ - Positive Supply Voltage(V)
tOFF
tTRANS
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com