Electronic Components Datasheet Search
  English  ▼

X  

DG409LE Datasheet(PDF) 14 Page - Vishay Siliconix

Part # DG409LE
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LE Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button DG409LE Datasheet HTML 10Page - Vishay Siliconix DG409LE Datasheet HTML 11Page - Vishay Siliconix DG409LE Datasheet HTML 12Page - Vishay Siliconix DG409LE Datasheet HTML 13Page - Vishay Siliconix DG409LE Datasheet HTML 14Page - Vishay Siliconix DG409LE Datasheet HTML 15Page - Vishay Siliconix DG409LE Datasheet HTML 16Page - Vishay Siliconix DG409LE Datasheet HTML 17Page - Vishay Siliconix DG409LE Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 09-May-16
1
Document Number: 72208
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QFN-16 Lead (3 x 3)
Notes
(1) All dimensions are in millimeters.
(2) N is the total number of terminals.
(3) Dimension b applies to metallized terminal and is measured between 0.25 and 0.30 mm from terminal tip.
(4) Coplanarity applies to the exposed heat sink slug as well as the terminal.
(5) The pin #1 identifier may be either a mold or marked feature, it must be located within the zone indicated.
DIM.
VARIATION 1
VARIATION 2
MILLIMETERS
INCHES
MILLIMETERS
INCHES
MIN.
NOM
MAX.
MIN.
NOM
MAX.
MIN.
NOM
MAX.
MIN.
NOM
MAX.
A
0.80
0.90
1.00
0.031
0.035
0.039
0.80
0.90
1.00
0.031
0.035
0.039
b
0.18
0.23
0.30
0.007
0.009
0.012
0.18
0.25
0.30
0.007
0.010
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
2.90
3.00
3.10
0.114
0.118
0.122
D2
1.00
1.15
1.25
0.039
0.045
0.049
1.50
1.70
1.80
0.059
0.067
0.071
E
2.90
3.00
3.10
0.114
0.118
0.122
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.00
1.15
1.25
0.039
0.045
0.049
1.50
1.70
1.80
0.059
0.067
0.071
e
0.50 BSC
0.020 BSC
0.50 BSC
0.020 BSC
L
0.30
0.40
0.50
0.012
0.016
0.020
0.30
0.40
0.50
0.012
0.016
0.020
ECN: T16-0233-Rev. D, 09-May-16
DWG: 5899
-C -
C
0.08
C
0.10
//
-B-
E
SEATING
PLANE
A3
A1
A
NX
SIDE VIEW
(3)
Terminal Tip
Exposed Pad
D
D/2
E/2
BOTTOM VIEW
TOP VIEW
C
0.25
E2
D2
D2/2
L
e
3 x e
3 x e
C
0.10 M
A
B
4xb
(3)
(4)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com