Electronic Components Datasheet Search
  English  ▼

X  

PS30 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS30
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 1 Page - Copal Electronics

  PS30_16 Datasheet HTML 1Page - Copal Electronics PS30_16 Datasheet HTML 2Page - Copal Electronics PS30_16 Datasheet HTML 3Page - Copal Electronics PS30_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gauge
PRESSURE SWITCHES WITH GAUGE
PS30
■
MODEL NUMBER DESIGNATION
P S 3 0 - 1 0 2 R - N
Series name
Rated pressure range
102R:−100 ~ 100 kPa
103R:−0.1 MPa ~ 1.00 MPa
Switch output interface
N:NPN open collector
P:PNP open collector
※
Please refer to the LIST OF MODEL NUMBERS when placing orders.
■
LIST OF MODEL NUMBERS
Switch output
interface
Rated pressure range
Pressure reference
−100 ~ 100 kPa
−100 ~ 1000 kPa
PS30-102R-N
PS30-103R-N
PS30-102R-P
PS30-103R-P
NPN
PNP
Part name
Material
Base
Housing
Panel sheet
“O” ring
Pressure port
Pressure transducer
1
2
3
4
5
6
1
5
4
2
3
6
P-2000
Fluoro-rubber
Brass (Ni-plated)
ABS
(Acrylonitrile-butadiene-styrene)
Polyester
INTERNAL STRUCTURE
●
Optimum for pneumatic equipment and semiconductor
manufacturing equipment
●
Larger size display and high luminance LED for best
visibility
●
Eight switch output modes
●
Low consumption by nondisplay mode
■
FEATURES
マーキング
EMC指令適合
marking
Compatible with
EMC directive


Similar Part No. - PS30_16

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PS30-1 TTELEC-PS30-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
logo
NEC
PS3001 NEC-PS3001 Datasheet
92Kb / 3P
PHOTO SCR COUPLER
logo
Chongqing Pingwei Enter...
PS30U100CT CHONGQING-PS30U100CT Datasheet
213Kb / 1P
30A Schottky Barrier Rectifier
PS30U120CT CHONGQING-PS30U120CT Datasheet
213Kb / 1P
30A Schottky Barrier Rectifier
More results

Similar Description - PS30_16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS6 COPAL-PS6_16 Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com