Electronic Components Datasheet Search
  English  ▼

X  

PS30 Datasheet(PDF) 4 Page - Copal Electronics

Part # PS30
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 4 Page - Copal Electronics

  PS30_16 Datasheet HTML 1Page - Copal Electronics PS30_16 Datasheet HTML 2Page - Copal Electronics PS30_16 Datasheet HTML 3Page - Copal Electronics PS30_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS30
PRESSURE SWITCHES WITH GAUGE
■
HOW TO MOUNT OPTIONAL ACCESSORIES (Sold separately)
□31
20
4 – φ3.3
15
10
2 – Rc1/8
Pressure port
Material : Zink die-casting / nickel plate
Material:SUS304
t = 1.5
18
30
20
φ4.2 x 5.2
Slot
φ4.2
2-φ3.5
18
Fixed
Body
(PS30)
“O” ring
(P8)
Port block
M3×10
Male screw (2 pcs.)
SW1
PS30
SW2
kPa
(□42.6)
(5.7)
4.5
23.5
□
40
36 +0.5
0
Panel cut dimension (Panel board thickness : 1 ~ 3.6 mm)
Panel holder cover
Panel holder
Body(PS30)
Mounting panel
Panel stopper 2 pcs.
Holder cover set
Panel holder set
●
Port block
●
How to mount port block
●
Rear panel mounting bracket
Material:SUS304
t = 1.5
2-φ3.5
20
φ4.2
φ4.2 x 5.2 Slot
20
15
15
Fixed
●
Panel mounting bracket
●
Panel mounting bracket (Option)
●
How to mount panel holder cover set
Description
Rear panel bracket set
ACPG-001
Rear panel bracket and M3 x 4 male
screw (2 pcs.)
Panel bracket and M3 x 4 male screw
(2 pcs.)
Panel holder cover
Panel holder
Panel stopper (2 pcs.)
Panel holder cover
Panel holder
Port block
“O” ring (P8)
M3 x 10 Male screw 2 pcs.
Seal screw 1 pc.
ACPG-002
ACPG-003
ACPG-004
ACPG-005
Panel bracket set
Panel holder set
Holder cover set
(For protecting operating panel)
Port block
Name
Contents



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com