Electronic Components Datasheet Search
  English  ▼

X  

PS91 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS91
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS91 Datasheet(HTML) 1 Page - Copal Electronics

  PS91_16 Datasheet HTML 1Page - Copal Electronics PS91_16 Datasheet HTML 2Page - Copal Electronics PS91_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Material
1
2
3
●
Can be used in High vacuum
●
Selection of Quick-release coupling (ISO standard) and
Gasket joint
●
Switch setting adjustable by 2 VRs on the back
■
FEATURES
■
MODEL NUMBER DESIGNATION
P S 9 1 - 1 0 2 V - N 2 K 2
Series name
Rated pressure range
102V:−100 ~ 10 kPa
Pressure reference
N1 : NPN(Upper and upper limit mode)
N2 : NPN(Upper and lower limit mode)
P1 : PNP(Upper and upper limit mode)
P2 : PNP(Upper and lower limit mode)
Fitting
K2 : Flange joint KF25 (NW25)
VC : Gasket joint (9/16-18UNF)
PS91
Part name
Sensor module
Housing
Fitting
1
2
3
SUS316L
Aluminum
SUS316L
INTERNAL STRUCTURE (KF25〔NW25〕)
PRESSURE SWITCHES
■
LIST OF MODEL NUMBERS
Gauge
K2 : Flange joint KF25 (NW25)
VC : Gasket joint (9/16-18UNF)
Switch output interface
NPN (Upper and upper limit mode)
NPN (Upper and lower limit mode)
PNP (Upper and upper limit mode)
PNP (Upper and lower limit mode)
102V
PS91-102V-N1K2
PS91-102V-N1VC
PS91-102V-N2K2
PS91-102V-N2VC
PS91-102V-P1K2
PS91-102V-P1VC
PS91-102V-P2K2
PS91-102V-P2VC
Rated pressure range
マーキング
EMC指令適合
marking
Compatible with
EMC directive


Similar Part No. - PS91_16

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
301Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results

Similar Description - PS91_16

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
logo
List of Unclassifed Man...
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com