Electronic Components Datasheet Search
  English  ▼

X  

PS91 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS91
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS91 Datasheet(HTML) 2 Page - Copal Electronics

  PS91_16 Datasheet HTML 1Page - Copal Electronics PS91_16 Datasheet HTML 2Page - Copal Electronics PS91_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS91
102V
Gauge
− 100 ~ 10
200
300
Corrosive gases/liquids compatible with SUS 316L
Approx. 140
12 ~ 24 ± 10 %
15
2(
NPN / PNP open collector)
Adjustable by VR
0 ~ 100 %
± 3
2
Approx. 2
K2(Flange joint:KF25)、VC(9/16-18UNF)
0 ~ 50
− 20 ~ 80
■
STANDARD SPECIFICATIONS
PS91
PRESSURE SWITCHES
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Supply voltage
Pressure medium
Pressure port
Net weight
Model number
kPa
kPa
kPa
°C
°C
g
V DC
Consumption current
maximum
No. of outputs
Setting method
Adjustable range
Upper and upper limit mode / Upper and lower limit mode
Output mode
Hysteresis
Response
%F.S.
Accuracy
0 〜 50
°C(Reference temp.: 25 °C)
%F.S.
maximum
ms
■
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25 ± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
EMI : EN55011: 2007, A2 : 2007 Group 1, class B 
EMS : EN61326-1 : 2006 Table 2
Switch operating pressure : ± 2 %F.S. maximum
※1
Switch operating pressure: ± 5 %F.S. maximum
※2
Shock
Pressure cycling
Moisture resistance
EMC
※1 
Working pressure of switch output is variation ± 2 %F.S. before or after test.
※2 
Working pressure of switch output is variation ± 5 %F.S. during EMC test.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com