Electronic Components Datasheet Search
  English  ▼

X  

ICS1700AN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS1700AN
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS1700AN Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
ICS1700A
Pin Configuration
Pin Definitions
ICS1700A
CHG
DCHG
PFN
OTN
CMN
AVSS
RC
THERM
VREF
VIN
VDD
SEL0
VSS
MRN
SEL1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
unused
16-Pin DIP
20-Pin SOIC
Pin Number
DIP
SOIC
Pin Name
Type
Definition
1
1
CHG
OUT
Active high TTL compatible signal used to turn on an external current source to provide current to charge
the battery.
2
2
DCHG
OUT
Active high TTL compatible signal available to turn on a discharge circuit.
3
3
PFN
OUT
Polling fault indicator. An active low turns on an external indicator to show the controller is either polling
for the presence of the battery or has determined the battery has been removed.
4
5
CMN
OUT
Charge mode indicator. A continuous low shows the controller is in a soft start or fast charge. The indicator
flashes during the topping and maintenance charges.
5
7
OTN
OUT
Out-of-temperature range indicator. An active low turns on an external indicator showing the battery is out
of the normal fast charge temperature range.
6
8
SEL0
IN
Input used with the SEL1 pin to program the device for the desired charge rate.
7
9
VSS
Ground.
8
10
AVSS
Ground.
9
11
SEL1
IN
Input used with the SEL0 pin to program the device for the desired charge rate.
10
12
MRN
IN
Master reset signal. A logic low pulse greater than 700 ms initiates a device reset.
11
13
RC
IN
An external resistor and capacitor sets the frequency of the internal clock.
12
14
THERM
IN
Thermistor or thermal switch input for temperature sensing.
13
16
VREF
1.26V voltage reference.
14
18
VIN
IN
Battery voltage normalized to one cell with an external resistor divider.
15
19
unused
Ground.
16
20
VDD
Device supply =+5.0 VDC
Note:
(DIP/SOIC)
Pin 6/8 has an internal pull-up.
Pin 9/11 has an internal pull-up.
Pin 10/12 has an internal pull-up.
Pin 12/14 has an internal pull-up.
Pins 4, 6, 15, and 17 are unconnected in the SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com