Electronic Components Datasheet Search
  English  ▼

X  

ICS1700AN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICS1700AN
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICS1700AN Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1700AN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
ICS1700A
Indicators: CMN, PFN, OTN Pins
The controller has three outputs for driving external indicators.
These pins are active low. The three indicator outputs have open
drains and are designed to be used with LEDs. Each output can
sink over 20mA, which requires the use of an external current
limiting resistor. The three indicator signals denote fast charge
stage, topping and maintenance stages, and the polling detect or
battery fault and out-of-temperature range modes as shown in
Table 1.
The charge mode (CMN) indicator is activated continuously during
the soft start and fast charge stages. The CMN indicator flashes at a
one-second rate when the ICS1700A is applying a topping or
maintenance charge.
The polling fault (PFN) indicator is on when the ICS1700A polls
for a battery for the first 10 seconds. The controller applies
periodic charge pulses to detect the presence of a battery. The
indicator is a warning that these charge pulses are appearing at the
charging system terminals at regular intervals. When a battery is
detected, the indicator is turned off. The indicator is also active if
the battery is removed from the system, warning that a fault has
occurred.
The out-of-temperature range (OTN) indicator is active whenever
the voltage at the temperature sense (THERM) input enters a range
that indicates that the attached battery is too hot to charge. The
OTN indicator is also activated with the CMN indicator if the
controller is initialized with the battery in the cold battery charge
region.
Pin Descriptions
The ICS1700A requires some external components to control the
clock rate, sense temperature and provide an indicator display. The
controller must be interfaced to an external power source that will
provide the current required to charge a battery pack and, if
desired, a circuit that will sink discharge current.
Output Logic Signals: CHG, DCHG Pins
The CHG and DCHG pins are active high, TTL compatible
outputs. In addition to being TTL compatible, the CMOS outputs
are capable of sourcing current which adds flexibility when
interfacing to other circuitry. A logic high on the CHG pin
indicates that the charging current supply should be activated. If
applicable, a logic high on the DCHG pin indicates that the
discharge circuit should be activated.
Care must be taken to control wiring resistance and inductance.
The load resistor must be capable of handling this short duration
high-amplitude pulse.
Table 1: Indicator Description List
PFN
CMN
OTN
Description
On
Polling mode or battery fault
Flash
Maintenance and topping charge
On
Fast charge
On
Hot battery shutdown
Flash
On
Cold battery charge
On
on
See Applications Information
On
One flash
See Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com