Electronic Components Datasheet Search
  English  ▼

X  

ISP1104 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1104
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1104 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1104 Datasheet HTML 4Page - NXP Semiconductors ISP1104 Datasheet HTML 5Page - NXP Semiconductors ISP1104 Datasheet HTML 6Page - NXP Semiconductors ISP1104 Datasheet HTML 7Page - NXP Semiconductors ISP1104 Datasheet HTML 8Page - NXP Semiconductors ISP1104 Datasheet HTML 9Page - NXP Semiconductors ISP1104 Datasheet HTML 10Page - NXP Semiconductors ISP1104 Datasheet HTML 11Page - NXP Semiconductors ISP1104 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Philips Semiconductors
ISP1104
Advanced USB transceiver
Product data
Rev. 02 — 14 October 2003
8 of 19
9397 750 11229
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Limiting values
[1]
Testing equipment limits measurement to only
±12 kV. Capacitors needed on VCC(5.0) and Vreg(3.3) (see Section 8).
[2]
Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor (Human Body Model).
10. Recommended operating conditions
11. Static characteristics
Table 9:
Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(5.0)
supply voltage
−0.5
+6.0
V
VCC(I/O)
I/O supply voltage
−0.5
+4.6
V
VI
DC input voltage
−0.5
VCC(I/O) + 0.5
V
Ilu
latch-up current
VI =−1.8 V to +5.4 V
-
100
mA
Vesd
electrostatic discharge voltage
on pins D
+,D−,V
CC(5.0)
and GND; ILI <1 µA
[1][2]
−12000
+12000
V
on other pins; ILI <1 µA
−2000
+2000
V
Tstg
storage temperature
−40
+125
°C
Table 10:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC(5.0)
supply voltage
4.0
5.0
5.5
V
VCC(I/O)
I/O supply voltage
1.65
-
3.6
V
VI
input voltage
0
-
VCC(I/O)
V
VI(AI/O)
input voltage on AI/O pins
pins D+ and D
−
0
-
3.6
V
Tamb
ambient temperature
−40
-
+85
°C
Table 11:
Static characteristics: supply pins
VCC(5.0) = 4.0 V to 5.5 V; VCC(I/O) = 1.65 V to 3.6 V; VGND =0V; Tamb = −40 °Cto +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vreg(3.3)
regulated supply voltage output
internal regulator option;
Iload ≤ 300 µA
[1][2] 3.0
3.3
3.6
V
ICC
operating supply current
transmitting and receiving at
12 Mbit/s; CL = 50 pF on
pins D
+ and D−
[3] -
48mA
ICC(I/O)
operating I/O supply current
transmitting and receiving at
12 Mbit/s
[3] -
12mA
ICC(idle)
supply current during full-speed
idle and SE0
idle: VD+ > 2.7 V, VD− < 0.3 V;
SE0: VD+ < 0.3 V, VD− < 0.3 V
[4] -
-
500
µA
ICC(I/O)(static)
static I/O supply current
idle, SE0 or suspend
-
-
20
µA
ICC(susp)
suspend supply current
SUSPND = H
[4] -
-
100
µA
ICC-I/O(dis)
disable current from VCC to
VCC(I/O)
VCC(I/O) not connected
[4] -
-
100
µA
ICC(I/O)(sharing) sharing mode I/O supply current VCC(5.0) not connected
-
-
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com