Electronic Components Datasheet Search
  English  ▼

X  

ISP1104 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1104
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1104 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1104 Datasheet HTML 1Page - NXP Semiconductors ISP1104 Datasheet HTML 2Page - NXP Semiconductors ISP1104 Datasheet HTML 3Page - NXP Semiconductors ISP1104 Datasheet HTML 4Page - NXP Semiconductors ISP1104 Datasheet HTML 5Page - NXP Semiconductors ISP1104 Datasheet HTML 6Page - NXP Semiconductors ISP1104 Datasheet HTML 7Page - NXP Semiconductors ISP1104 Datasheet HTML 8Page - NXP Semiconductors ISP1104 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Philips Semiconductors
ISP1104
Advanced USB transceiver
Product data
Rev. 02 — 14 October 2003
4 of 19
9397 750 11229
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Symbol names with an overscore (for example, NAME) indicate active LOW signals.
SUSPND
5
I
suspend input (CMOS level with respect to VCC(I/O)); a
HIGH level enables low-power state while the USB bus is
inactive and drives output RCV to a LOW level
input pad; push pull; CMOS
MODE
6
I
mode input (CMOS level with respect to VCC(I/O)); a HIGH
level enables the differential input mode (pins VPO and
VMO) whereas a LOW level enables a single-ended input
mode (pins VO and FSE0); see Table 4 and Table 5
input pad; push pull; CMOS
VCC(I/O)
7
-
supply voltage for digital I/O pins (1.65 V to 3.6 V); when
VCC(I/O) is not connected, the pins D+ and D− are in
three-state; this supply pin is totally independent of
VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3)
voltage
VBUSDET
8
O
VBUS indicator output (CMOS level with respect to
VCC(I/O)); when VBUS > 4.1 V, then VBUSDET = HIGH and
when VBUS < 3.6 V, then VBUSDET = LOW
output pad; push pull; 4 mA output drive; CMOS
D
−
9
AI/O
negative USB data bus connection (analog, differential)
D
+
10
AI/O
positive USB data bus connection (analog, differential);
connect a 1.5 k
Ω resistor to pin Vpu(3.3)
VPO/VO
11
I
driver data input (CMOS level with respect to VCC(I/O),
Schmitt trigger); see Table 4 and Table 5
input pad; push pull; CMOS
VMO/FSE0
12
I
driver data input (CMOS level with respect to VCC(I/O),
Schmitt trigger); see Table 4 and Table 5
input pad; push pull; CMOS
Vreg(3.3)
13
-
regulated supply voltage output (3.0 V to 3.6 V); a
decoupling capacitor of at least 0.1
µF is required
VCC(5.0)
14
-
supply voltage input (4.0 V to 5.5 V); can be connected
directly to the USB supply line VBUS
Vpu(3.3)
15
-
pull-up supply voltage (3.3 V
± 10 %); connect an external
1.5 k
Ω resistor on pin D+ (full-speed); pin function is
controlled by input SOFTCON
SOFTCON = LOW — Vpu(3.3) floating (high impedance);
ensures zero pull-up current
SOFTCON = HIGH — Vpu(3.3) = 3.3 V; internally
connected to Vreg(3.3)
SOFTCON
16
I
software controlled USB connection input; a HIGH level
applies 3.3 V to pin Vpu(3.3), which is connected to an
external 1.5 k
Ω pull-up resistor; this allows USB connect
or disconnect signalling to be controlled by software
input pad; push pull; CMOS
GND
exposed
die pad
-
ground supply; down bonded to the exposed die pad
(heatsink); to be connected to the PCB ground
Table 2:
Pin description…continued
Symbol[1]
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com