Electronic Components Datasheet Search
  English  ▼

X  

ADM1034 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1034
Description  Thermal Monitor and Fan Speed (RPM) Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1034 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1034 Datasheet HTML 32Page - Analog Devices ADM1034 Datasheet HTML 33Page - Analog Devices ADM1034 Datasheet HTML 34Page - Analog Devices ADM1034 Datasheet HTML 35Page - Analog Devices ADM1034 Datasheet HTML 36Page - Analog Devices ADM1034 Datasheet HTML 37Page - Analog Devices ADM1034 Datasheet HTML 38Page - Analog Devices ADM1034 Datasheet HTML 39Page - Analog Devices ADM1034 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ADM1034
Rev. 0 | Page 39 of 40
Table 72. Register 0x4F, Status 1, Power-On Default = 0x00, Lock = N, SW Reset = Y
Bit
Name
R/W
Description
7
Local Temp High
R
A 1 indicates that the local high limit has been tripped.
6
Local Temp Low
R
A 1 indicates that the local low limit has been tripped.
5
Remote 1 Temp High
R
A 1 indicates that the Remote 1 high limit has been tripped.
4
Remote 1 Temp Low
R
A 1 indicates that the Remote 1 low limit has been tripped.
3
Remote 1 Diode Error
R
A 1 indicates that a short or an open has been detected on the Remote 1 temperature channel.
This test is completed once on each conversion.
2
Remote 2 Temp High
R
A 1 indicates that the Remote 2 high limit has been tripped.
1
Remote 2 Temp Low
R
A 1 indicates that the Remote 2 low limit has been tripped.
0
Remote 2 Diode Error
R
A 1 indicates that a short or an open has been detected on the Remote 2 temperature channel.
This test is completed once on each conversion.
Table 73. Register 0x50, Status 2, Power-On Default = 0x00, Lock = N, SW Reset = Y
Bit
Name
R/W
Description
7
Local THERM
R
A 1 indicates that the local THERM limit has been tripped.
6
Remote 1 THERM
R
A 1 indicates that the Remote 1 THERM limit has been tripped.
5
Remote 2 THERM
R
A 1 indicates that the Remote 2 THERM limit has been tripped.
4
THERM % Exceeded
R
A 1 indicates that the THERM signal has been asserted for longer than the programmed limit.
Clear on Read. If THERM % Limit = 0x00 and THERM is asserted, it is reasserted immediately.
3
THERM Asserted
R
A 1 indicates that the THERM signal has been asserted low as an input only.
2
THERM_State
R
A 1 indicates that the THERM pin has been asserted low as an output.
1
Reserved
R
Reserved.
0
Reserved
R
Reserved.
Table 74. Register 0x51, Status Register 3, Power-On Default = 0x00, Lock = N, SW Reset = Y
Bit
Name
R/W
Description
7
Fan 1 Stalled
R
A 1 indicates that Fan 1 has stalled.
6
Fan Alarm Speed
R
A 1 indicates that the fans are running at full speed due to an alarm condition, for instance, when
a THERM temperature limit is exceeded.
5
Fan 2 Stalled
R
A 1 indicates that Fan 2 has stalled.
4
Reserved
R
Reserved.
3
Reserved
R
Reserved.
2
Reserved
R
Reserved.
1
Reserved
R
Reserved.
0
ALERT Low
R
A 1 indicates that the ADM1034 has pulled the ALERT output pin low. This allows polling of a
single status register to determine if an ALERT condition in any of the status registers has
occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com