Electronic Components Datasheet Search
  English  ▼

X  

ADM1034 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1034
Description  Thermal Monitor and Fan Speed (RPM) Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1034 Datasheet(HTML) 3 Page - Analog Devices

  ADM1034 Datasheet HTML 1Page - Analog Devices ADM1034 Datasheet HTML 2Page - Analog Devices ADM1034 Datasheet HTML 3Page - Analog Devices ADM1034 Datasheet HTML 4Page - Analog Devices ADM1034 Datasheet HTML 5Page - Analog Devices ADM1034 Datasheet HTML 6Page - Analog Devices ADM1034 Datasheet HTML 7Page - Analog Devices ADM1034 Datasheet HTML 8Page - Analog Devices ADM1034 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADM1034
Rev. 0 | Page 3 of 40
GENERAL DESCRIPTION
The ADM1034 is a dual-channel remote- and local-temperature
sensor and fan controller. The remote channels monitor the
temperature of two remote thermal diodes, which may be
discrete 2N3904/6s or may be located on a microprocessor die.
The device also monitors its own ambient temperature.
The ADM1034 can monitor and control the speed of two
cooling fans. The user can program a target fan speed, or else
use the look-up table to input a temperature-to-fan-speed
profile. The look-up table can be configured to run the fans at
discrete speeds (discrete mode) or to ramp the fan speed with
temperature (linear mode).
The ADM1034 communicates over a 2-wire SMBus 2.0
interface. An 8-level LOCATION input allows the user to
choose between SMBus 1.1 and SMBus 2.0. An ALERT output
indicates error conditions. The THERM I/O signals over-
temperature as an output and times THERM assertions as
an input. Pin 8 can be configured as a reference for the
THERM (PROCHOT) input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com