Electronic Components Datasheet Search
  English  ▼

X  

LM5642 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5642
Description  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5642 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM5642 Datasheet HTML 16Page - National Semiconductor (TI) LM5642 Datasheet HTML 17Page - National Semiconductor (TI) LM5642 Datasheet HTML 18Page - National Semiconductor (TI) LM5642 Datasheet HTML 19Page - National Semiconductor (TI) LM5642 Datasheet HTML 20Page - National Semiconductor (TI) LM5642 Datasheet HTML 21Page - National Semiconductor (TI) LM5642 Datasheet HTML 22Page - National Semiconductor (TI) LM5642 Datasheet HTML 23Page - National Semiconductor (TI) LM5642 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Loop Compensation (Continued)
As shown in Figure 11, the control-output transfer function
consists of one pole (fp), one zero (fz), and a double pole at
fn (half the switching frequency). The following can be done
to create a -20dB /decade roll-off of the loop gain: Place the
first pole at 0Hz, the first zero at fp, the second pole at fz,
and the second zero at fn. The resulting output-control trans-
fer function is shown in Figure 12.
The control-output corner frequencies, and thus the desired
compensation corner frequencies, can be determined ap-
proximately by the following equations:
(29)
(30)
Since fp is determined by the output network, it will shift with
loading (Ro). It is best to use a minimum Iout value of
approximately 100mA when determining the maximum Ro
value.
Example: Re=20m
Ω, Co=100uF, Romax=5V/100mA=50Ω:
(31)
(32)
First determine the minimum frequency (fpmin) of the pole
across the expected load range, then place the first compen-
sation zero at or below that value. Once fpmin is determined,
Rc1 should be calculated using:
(33)
Where B is the desired gain in V/V at fp (fz1), gm is the
transconductance of the error amplifier, and R1 and R2 are
the feedback resistors. A gain value around 10dB (3.3v/v) is
generally a good starting point.
Example: B=3.3v/v, gm=650m, R1=20K
Ω, R2=60.4KΩ:
(34)
Bandwidth will vary proportional to the value of Rc1. Next,
Cc1 can be determined with the following equation:
(35)
Example: fpmin=695Hz, Rc1=20K
Ω:
(36)
The compensation network (Figure 13) will also introduce a
low frequency pole which will be close to 0Hz.
A second pole should also be placed at fz. This pole can be
created with a single capacitor Cc2 and a shorted Rc2 (see
Figure 13). The minimum value for this capacitor can be
calculated by:
(37)
Cc2 may not be necessary, however it does create a more
stable control loop. This is especially important with high
load currents and in current sharing mode.
Example: fz=80kHz, Rc1= 20K
Ω:
(38)
A second zero can also be added with a resistor in series
with Cc2. If used, this zero should be placed at fn, where the
control to output gain rolls off at -40dB/dec. Generally, fn will
be well below the 0dB level and thus will have little effect on
stability. Rc2 can be calculated with the following equation:
(39)
20060114
FIGURE 11. Control-Output Transfer Function
20060112
FIGURE 12. Output-Control Transfer Function
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com