Electronic Components Datasheet Search
  English  ▼

X  

MTD6508 Datasheet(PDF) 1 Page - Microchip Technology

Part # MTD6508
Description  3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6508 Datasheet(HTML) 1 Page - Microchip Technology

  MTD6508 Datasheet HTML 1Page - Microchip Technology MTD6508 Datasheet HTML 2Page - Microchip Technology MTD6508 Datasheet HTML 3Page - Microchip Technology MTD6508 Datasheet HTML 4Page - Microchip Technology MTD6508 Datasheet HTML 5Page - Microchip Technology MTD6508 Datasheet HTML 6Page - Microchip Technology MTD6508 Datasheet HTML 7Page - Microchip Technology MTD6508 Datasheet HTML 8Page - Microchip Technology MTD6508 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005359A-page 1
MTD6508
Features
• 180° Sinusoidal Drive for High Efficiency and Low
Acoustic Noise
• Position Sensorless BLDC Drivers
(no Hall Effect Sensor required)
• Integrated Power Transistors
• Supports 2V to 5.5V Power Supplies
• Variable Programming Resistor (RPROG) Setting
to fit Motor Constant (KM) Range from 3.25 mV/
Hz to 52 mV/Hz
• Speed Control through Power Supply Modulation
(PSM) and/or Pulse-Width Modulation (PWM)
• Built-in Frequency Generator: FG, FG/3 Output
Signal (FG/2 and FG/6 Option are available upon
request)
• Output PWM Slew Rate Control Programmable
with an External Resistor for Start-up
(Adjustable version)
• Phase Target Selection for Regulation
(Adjustable Version)
• Start-up Strength Selection (Adjustable Version)
• Start-up Output Current Controlled by PWM
• Output Current Soft Start
• Built-in Lock-up Protection and Automatic
Recovery Circuit
• Built-in Overcurrent Limitation
• Built-in Thermal Shutdown Protection
• Built-in Overvoltage Protection
• Low Minimal Start-up Speed for Low-Speed
Operation
• Packages:
- 10-Lead 3 mm x 3 mm x 0.5 mm UDFN
- 16-Lead 4 mm x 4 mm x 0.5 mm UQFN
(Adjustable version)
Applications
• Notebook CPU Cooling Fans
• 5V 3-Phase BLDC Motors
Description
The MTD6508 device is a 3-phase, full-wave
sensorless driver for brushless DC (BLDC) motors. It
features a 180° sinusoidal drive, high torque output and
silent drive. With adaptive features, parameters and a
wide range of power supplies (2V to 5.5V), the
MTD6508 is intended to cover a broad range of motor
characteristics while requiring minimum external
components. Speed control can be achieved through
either power supply modulation (PSM) or pulse-width
modulation (PWM).
Compact packaging and a minimal bill of materials
make the MTD6508 device extremely cost-efficient in
fan applications. For example, the CPU cooling fans in
notebook computers require designs that provide low
acoustic noise, low mechanical vibration and are highly
efficient. The frequency generator (FG) output enables
precision speed control in closed-loop applications.
The MTD6508 device includes Lock-up Protection
mode to turn off the output current when the motor is in
a lock condition, with an automatic recovery feature to
restart the fan when the lock condition is removed.
Motor overcurrent limitation and thermal shutdown
protection are included for safety-enhanced operations.
The MTD6508 is available in compact, thermally-
enhanced, 10-Lead 3 mm x 3 mm x 0.5 mm UDFN
packages
and
16-Lead
4 mm x 4 mm x 0.5 mm
UQFN packages.
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver


Similar Part No. - MTD6508

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6508 MICROCHIP-MTD6508_17 Datasheet
354Kb / 18P
3-Phase BLDC Sensorless Fan Controller Demonstration Daughter Board
06/23/16
More results

Similar Description - MTD6508

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com