Electronic Components Datasheet Search
  English  ▼

X  

MTD6508 Datasheet(PDF) 13 Page - Microchip Technology

Part # MTD6508
Description  3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6508 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MTD6508 Datasheet HTML 9Page - Microchip Technology MTD6508 Datasheet HTML 10Page - Microchip Technology MTD6508 Datasheet HTML 11Page - Microchip Technology MTD6508 Datasheet HTML 12Page - Microchip Technology MTD6508 Datasheet HTML 13Page - Microchip Technology MTD6508 Datasheet HTML 14Page - Microchip Technology MTD6508 Datasheet HTML 15Page - Microchip Technology MTD6508 Datasheet HTML 16Page - Microchip Technology MTD6508 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005359A-page 13
MTD6508
4.11
Strong Start Pin (SS)*
The sinusoidal start-up open-loop phase current
amplitude can be defined by the PWM input duty cycle
or fixed at 100%. Table 4-4 describes both start-up
options. This pin is internally connected to GND on the
non-adjustable version.
*On adjustable version only
4.12
Regulation Target Pin (RT)*
The RT pin adjusts the phase regulation parameters
to allow more stability in applications using 3-Phase
BLDC motors attached to a light load. The low-load
phase regulation option reduces the speed correction
gain by 75% in order to produce smoother behavior.
Table 4-5 describes the phase regulation options.
The RT pin is internally connected to GND on the
non-adjustable version.
*On adjustable version only
TABLE 4-4:
START-UP OPEN-LOOP CURRENT AMPLITUDE OPTIONS
SS Pin State
Start-up Open-Loop Current Amplitude
Connected to GND or Floating
Soft open-loop start-up (reduced current) – during the start-up open loop, the output
amplitude is defined by the input PWM duty cycle (start-up without speed overshoot,
with respect to the target speed set by PWM).
Connected to VBIAS or VDD
Strong open-loop start-up – during the start-up open loop, the output amplitude is
fixed at 100% (start-up with maximal torque.
TABLE 4-5:
PHASE REGULATION
OPTIONS
RT Pin State
Phase Regulation
Target Options
Connected to GND or Floating Optimized for typical
load (Fan, Pump)
Connected to VBIAS or VDD
Optimized for low
load (Motor with light
rotor and low air
resistance while
operating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com