Electronic Components Datasheet Search
  English  ▼

X  

MM5450 Datasheet(PDF) 8 Page - Microchip Technology

Part # MM5450
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5450 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MM5450 Datasheet HTML 4Page - Microchip Technology MM5450 Datasheet HTML 5Page - Microchip Technology MM5450 Datasheet HTML 6Page - Microchip Technology MM5450 Datasheet HTML 7Page - Microchip Technology MM5450 Datasheet HTML 8Page - Microchip Technology MM5450 Datasheet HTML 9Page - Microchip Technology MM5450 Datasheet HTML 10Page - Microchip Technology MM5450 Datasheet HTML 11Page - Microchip Technology MM5450 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MM5450/51
DS20005651A-page 8
 2016 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The MM5450 and MM5451 are designed to drive either
4- or 5-digit alphanumeric LED displays with the added
benefit of requiring minimal interface with the display or
data source.
Data is transferred serially via two signals: clock and
serial data. Data transfer without the added
inconvenience
of
an
external
load
signal
is
accomplished by using a format of a leading “1”
followed by the allowed 35 data bits. These 35 data bits
are latched after the 36th has been transferred. This
scheme provides non-multiplexed, direct drive to the
LED display. Characters currently displayed (thus, data
output) changes only if the serial data bits differ from
those previously transferred.
Control of the output current for LED displays provides
for the display brightness. To prevent oscillations, a
1 nF capacitor should be connected to pin 19,
brightness control.
The Block Diagram is shown on page 1. For the
MIC5450, the /DATA ENABLE is a metal option and is
used instead of the 35th output. The output current is
typically 20-times greater than the current into pin 19,
which is set by an external variable resistor.
There is an external reset connection shown which is
available on unpackaged (die) only. Connection
Diagram: Die illustrates the die pad locations for
bonding in “chip on board” applications.
Figure 3-1 shows the input data format. A leading “1” is
followed by 35 bits of data. After the 36th had been
transferred, a LOAD signal is generated synchronously
with the clock high state. This loads the 35 bits of data
into the latches. The low side of the clock is used to
generate a RESET signal which clears all shift registers
for the next set of data. All shift registers are static
master-slave, with no clear for the master portion of the
first register, allowing continuous operation.
FIGURE 3-1:
Input Data Format.
There must be a complete set of 36 clocks or the shift
registers will not clear.
When the chip first powers ON, an internal power ON
reset signal is generated that resets all registers and all
latches. The START bit and the first clock return the
chip to its normal operation.
The Connection Diagram: Dual-Inline Package (DIP)
and Connection Diagram: Plastic-Leaded Chip Carrier
(PLCC) show the pinout of the MIC5450 and MIC5451.
Bit 1 is the first bit following the start bit and it will
appear on pin 18. A logical “1” at the input will turn on
the appropriate LED.
Figure 3-2 shows the timing relationships between
data, clock and /DATA ENABLE. A maximum clock
frequency of 0.5 MHz is assumed.
FIGURE 3-2:
Timing Diagram.
For applications where a lesser number of outputs is
used, it is possible to either increase the current per
output, or operate the part at higher than 1V VOUT. The
following equation can be used for calculations.
EQUATION 3-1:
Equation 3-1 is used to plot Figure 2-1, Figure 2-2, and
Figure 2-3.
CLOCK
1
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START BIT 1
BIT 36
36
37
BIT 35
CLOCK
DATA
DATA ENABLE
300 nS MIN
100 nS MIN
T
J
V
OUT
I
LED
No of segments
124
o
C/W
T
A
+
=
Where:
TJ
Junction Temperature (+150°C max.)
VOUT
Voltage at the LED driver outputs
ILED
LED current
124°C/W Thermal resistance of the package
TA
Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com