Electronic Components Datasheet Search
  English  ▼

X  

MM5450 Datasheet(PDF) 9 Page - Microchip Technology

Part # MM5450
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5450 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MM5450 Datasheet HTML 5Page - Microchip Technology MM5450 Datasheet HTML 6Page - Microchip Technology MM5450 Datasheet HTML 7Page - Microchip Technology MM5450 Datasheet HTML 8Page - Microchip Technology MM5450 Datasheet HTML 9Page - Microchip Technology MM5450 Datasheet HTML 10Page - Microchip Technology MM5450 Datasheet HTML 11Page - Microchip Technology MM5450 Datasheet HTML 12Page - Microchip Technology MM5450 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 9
MM5450/51
4.0
TYPICAL APPLICATIONS
FIGURE 4-1:
Typical Application of
Constant Current Brightness Control.
FIGURE 4-2:
Brightness Control Varying
the Duty Cycle.
FIGURE 4-3:
Basic Electronically Tuned Radio System.
LM324
MM5450
LM317
–
+
240
RAW DC
1K
I19 =
2N2907
I19
PIN 19
20
1
5k
1k
CD4046
(VCO)
5V
MM74HC123
10 μS
MM5450
Q19
20
1
LED DISPLAY
34
MM5450
DISPLAY DRIVER
ELECTRONIC
TUNING
CONTROLLER
PLL
SYNTHESIZER
KEYBOARD
STATION DETECT, ETC.
AM
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com