Electronic Components Datasheet Search
  English  ▼

X  

5SMCJ Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 5SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

5SMCJ Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  5SMCJ Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5SMCJ Series
1500W Transient Voltage Suppresor
1.5SMCJ5.0
1.5SMCJ5.0C
5.0
6.40
7.82
10
1000.0
2000.0
9.6
156.3
C5.0V
C5.0C
1.5SMCJ5.0A
1.5SMCJ5.0C
A
5.0
6.40
7.07
10
1000.0
2000.0
9.2
163.0
C5.0A
C5.0D
1.5SMCJ6.0
1.5SMCJ6.0C
6.0
6.67
8.15
10
1000.0
2000.0
11.4
131.6
C6.0V
C6.0C
1.5SMCJ6.0A
1.5SMCJ6.0C
A
6.0
6.67
7.37
10
1000.0
2000.0
10.3
145.6
C6.0A
C6.0D
1.5SMCJ6.5
1.5SMCJ6.5C
6.5
7.22
8.82
10
500.0
1000.0
12.3
122.0
C6.5V
C6.5C
1.5SMCJ6.5A
1.5SMCJ6.5C
A
6.5
7.22
7.98
10
500.0
1000.0
11.2
133.9
C6.5A
C6.5D
1.5SMCJ7.0
1.5SMCJ7.0C
7.0
7.78
9.51
10
200.0
400.0
13.3
112.8
C7.0V
C7.0C
1.5SMCJ7.0A
1.5SMCJ7.0C
A
7.0
7.78
8.60
10
200.0
400.0
12.0
125.0
C7.0A
C7.0D
1.5SMCJ7.5
1.5SMCJ7.5C
7.5
8.33
10.20
1
100.0
200.0
14.3
104.9
C7.5V
C7.5C
1.5SMCJ7.5A
1.5SMCJ7.5C
A
7.5
8.33
9.21
1
100.0
200.0
12.9
116.3
C7.5A
C7.5D
1.5SMCJ8.0
1.5SMCJ8.0C
8.0
8.89
10.90
1
50.0
100.0
15.0
100.0
C8.0V
C8.0C
1.5SMCJ8.0A
1.5SMCJ8.0C
A
8.0
8.89
9.83
1
50.0
100.0
13.6
110.3
C8.0A
C8.0D
1.5SMCJ8.5
1.5SMCJ8.5C
8.5
9.44
11.50
1
20.0
40.0
15.9
94.3
C8.5V
C8.5C
1.5SMCJ8.5A
1.5SMCJ8.5C
A
8.5
9.44
10.40
1
20.0
40.0
14.4
104.2
C8.5A
C8.5D
1.5SMCJ9.0
1.5SMCJ9.0C
9.0
10.00
12.20
1
10.0
20.0
16.9
88.8
C9.0V
C9.0C
1.5SMCJ9.0A
1.5SMCJ9.0C
A
9.0
10.00
11.10
1
10.0
20.0
15.4
97.4
C9.0A
C9.0D
1.5SMCJ10
1.5SMCJ10C
10.0
11.10
13.60
1
5.0
10.0
18.8
79.8
C10V
C10C
1.5SMCJ10A
1.5SMCJ10C
A
10.0
11.10
12.30
1
5.0
10.0
17.0
88.2
C10A
C10D
1.5SMCJ11
1.5SMCJ11C
11.0
12.20
14.90
1
5.0
5.0
20.1
74.6
C11V
C11C
1.5SMCJ11A
1.5SMCJ11C
A
11.0
12.20
13.50
1
5.0
5.0
18.2
82.4
C11A
C11D
1.5SMCJ12
1.5SMCJ12C
12.0
13.30
16.30
1
5.0
5.0
22.0
68.2
C12V
C12C
1.5SMCJ12A
1.5SMCJ12C
A
12.0
13.30
14.70
1
5.0
5.0
19.9
75.4
C12A
C12D
1.5SMCJ13
1.5SMCJ13C
13.0
14.40
17.60
1
5.0
5.0
23.8
63.0
C13V
C13C
1.5SMCJ13A
1.5SMCJ13C
A
13.0
14.40
15.90
1
5.0
5.0
21.5
69.8
C13A
C13D
1.5SMCJ14
1.5SMCJ14C
14.0
15.60
19.10
1
5.0
5.0
25.8
58.1
C14V
C14C
1.5SMCJ14A
1.5SMCJ14C
A
14.0
15.60
17.20
1
5.0
5.0
23.2
64.7
C14A
C14D
1.5SMCJ15
1.5SMCJ15C
15.0
16.70
20.40
1
5.0
5.0
26.9
55.8
C15V
C15C
1.5SMCJ15A
1.5SMCJ15C
A
15.0
16.70
18.50
1
5.0
5.0
24.4
61.5
C15A
C15D
1.5SMCJ16
1.5SMCJ16C
16.0
17.80
21.80
1
5.0
5.0
28.8
52.1
C16V
C16C
1.5SMCJ16A
1.5SMCJ16C
A
16.0
17.80
19.70
1
5.0
5.0
26.0
57.7
C16A
C16D
1.5SMCJ17
1.5SMCJ17C
17.0
18.90
23.10
1
5.0
5.0
30.5
49.2
C17V
C17C
1.5SMCJ17A
1.5SMCJ17C
A
17.0
18.90
20.90
1
5.0
5.0
27.6
54.3
C17A
C17D
1.5SMCJ18
1.5SMCJ18C
18.0
20.00
24.40
1
5.0
5.0
32.2
46.6
C18V
C18C
1.5SMCJ18A
1.5SMCJ18C
A
18.0
20.00
22.10
1
5.0
5.0
29.2
51.4
C18A
C18D
1.5SMCJ20
1.5SMCJ20C
20.0
22.20
27.10
1
5.0
5.0
35.8
41.9
C20V
C20C
1.5SMCJ20A
1.5SMCJ20C
A
20.0
22.20
24.50
1
5.0
5.0
32.4
46.3
C20A
C20D
1.5SMCJ22
1.5SMCJ22C
22.0
24.40
29.80
1
5.0
5.0
39.4
38.1
C22V
C22C
1.5SMCJ22A
1.5SMCJ22C
A
22.0
24.40
26.90
1
5.0
5.0
35.5
42.3
C22A
C22D
1.5SMCJ24
1.5SMCJ24C
24.0
26.70
32.60
1
5.0
5.0
43.0
34.9
C24V
C24C
1.5SMCJ24A
1.5SMCJ24C
A
24.0
26.70
29.50
1
5.0
5.0
38.9
38.6
C24A
C24D
1.5SMCJ26
1.5SMCJ26C
26.0
28.90
35.30
1
5.0
5.0
46.6
32.2
C26V
C26C
1.5SMCJ26A
1.5SMCJ26C
A
26.0
28.90
31.90
1
5.0
5.0
42.1
35.6
C26A
C26D
1.5SMCJ28
1.5SMCJ28C
28.0
31.10
38.00
1
5.0
5.0
50.0
30.0
C28V
C28C
1.5SMCJ28A
1.5SMCJ28C
A
28.0
31.10
34.40
1
5.0
5.0
45.4
33.0
C28A
C28D
1.5SMCJ30
1.5SMCJ30C
30.0
33.30
40.70
1
5.0
5.0
53.5
28.0
C30V
C30C
1.5SMCJ30A
1.5SMCJ30C
A
30.0
33.30
36.80
1
5.0
5.0
48.4
31.0
C30A
C30D
1.5SMCJ33
1.5SMCJ33C
33.0
36.70
44.90
1
5.0
5.0
59.0
25.4
C33V
C33C
http://www.yeashin.com
2
REV.04 20
Test
Current
Max.
Reverse
Stand-off
Voltage
VRWM
Min.
Max.
UNI
BI
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
Part Number
Breakdown Voltage
Reverse Leakage
Voltage
Clamp
Peak
Current
Pulse
Package
SMC/DO-214AB
Device Marking Code
VBR @ IT
IT
IR@VRWM
Vc@ Ipp
Ipp
1.5SMCJ33A
1.5SMCJ33
CA
33.0
36.70
40.60
1
5.0
5.0
53.3
28.1
C33A
C33D
150105



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com