Electronic Components Datasheet Search
  English  ▼

X  

5SMCJ Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # 5SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

5SMCJ Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  5SMCJ Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 5SMCJ Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5SMCJ Series
1500W Transient Voltage Suppresor
1.5SMCJ36
1.5SMCJ36C
36.0
40.00
48.90
1
5.0
5.0
64.3
23.3
C3 6V
C36C
1.5SMCJ36A
1.5SMCJ36CA
36.0
40.00
44.20
1
5.0
5.0
58.1
25.8
C36A
C36D
1.5SMCJ40
1.5SMCJ40C
40.0
44.40
54.30
1
5.0
5.0
71.4
21.0
C4 0V
C40C
1.5SMCJ40A
1.5SMCJ40CA
40.0
44.40
49.10
1
5.0
5.0
64.5
23.3
C40A
C40D
1.5SMCJ43
1.5SMCJ43C
43.0
47.80
58.40
1
5.0
5.0
76.7
19.6
C4 3V
C43C
1.5SMCJ43A
1.5SMCJ43CA
43.0
47.80
52.80
1
5.0
5.0
69.4
21.6
C43A
C43D
1.5SMCJ45
1.5SMCJ45C
45.0
50.00
61.10
1
5.0
5.0
80.3
18.7
C4 5V
C45C
1.5SMCJ45A
1.5SMCJ45CA
45.0
50.00
55.30
1
5.0
5.0
72.7
20.6
C45A
C45D
1.5SMCJ48
1.5SMCJ48C
48.0
53.30
65.10
1
5.0
5.0
85.5
17.5
C48V
C48C
1.5SMCJ48A
1.5SMCJ48CA
48.0
53.30
58.90
1
5.0
5.0
77.4
19.4
C48A
C48D
1.5SMCJ51
1.5SMCJ51C
51.0
56.70
69.30
1
5.0
5.0
91.1
16.5
C51V
C51C
1.5SMCJ51A
1.5SMCJ51CA
51.0
56.70
62.70
1
5.0
5.0
82.4
18.2
C51A
C51D
1.5SMCJ54
1.5SMCJ54C
54.0
60.00
73.30
1
5.0
5.0
96.3
15.6
C54V
C54C
1.5SMCJ54A
1.5SMCJ54CA
54.0
60.00
66.30
1
5.0
5.0
87.1
17.2
C54A
C54D
1.5SMCJ58
1.5SMCJ58C
58.0
64.40
78.70
1
5.0
5.0
103.0
14.6
C58V
C58C
1.5SMCJ58A
1.5SMCJ58CA
58.0
64.40
71.20
1
5.0
5.0
93.6
16.0
C58A
C58D
1.5SMCJ60
1.5SMCJ60C
60.0
66.70
81.50
1
5.0
5.0
107.0
14.0
C60V
C60C
1.5SMCJ60A
1.5SMCJ60CA
60.0
66.70
73.70
1
5.0
5.0
96.8
15.5
C60A
C60D
1.5SMCJ64
1.5SMCJ64C
64.0
71.10
86.90
1
5.0
5.0
114.0
13.2
C64V
C64C
1.5SMCJ64A
1.5SMCJ64CA
64.0
71.10
78.60
1
5.0
5.0
1030
14.6
C64A
C64D
1.5SMCJ70
1.5SMCJ70C
70.0
77.80
95.10
1
5.0
5.0
125.0
12.0
C70V
C70C
1.5SMCJ70A
1.5SMCJ70CA
70.0
77.80
86.00
1
5.0
5.0
1130
133
C70A
C70D
1.5SMCJ75
1.5SMCJ75C
75.0
83.30
102.00
1
5.0
5.0
134.0
11.2
C75V
C75C
1.5SMCJ75A
1.5SMCJ75CA
75.0
83.30
92.10
1
5.0
5.0
121.0
12.4
C75A
C75D
1.5SMCJ78
1.5SMCJ78C
78.0
86.70
106.00
1
5.0
5.0
139.0
10.8
C78V
C78C
1.5SMCJ78A
1.5SMCJ78CA
78.0
86.70
95.80
1
5.0
5.0
126.0
11.9
C78A
C78D
1.5SMCJ85
1.5SMCJ85C
85.0
94.40
115.00
1
5.0
5.0
151.0
9.9
C85V
C85C
1.5SMCJ85A
1.5SMCJ85CA
85.0
94.40
104.00
1
5.0
5.0
137.0
10.9
C85A
C85D
1.5SMCJ90
1.5SMCJ90C
90.0
100.00
122.00
1
5.0
5.0
1600
9.4
C90V
C90C
1.5SMCJ90A
1.5SMCJ90CA
90.0
100.00
111.00
1
5.0
5.0
146.0
10.3
C90A
C90D
1.5SMCJ100
1.5SMCJ100C
100.0
111.00
136.00
1
5.0
5.0
179.0
8.4
C100V
C100C
1.5SMCJ100A
1.5SMCJ100CA
100.0
111.00
123.00
1
5.0
5.0
162.0
9.3
C100A
C100D
1.5SMCJ110
1.5SMCJ110C
110.0
122.00
149.00
1
5.0
5.0
196.0
7.7
C110V
C110C
1.5SMCJ110A
1.5SMCJ110CA
110.0
12200
135.00
1
5.0
5.0
177.0
8.5
C110A
C110D
1.5SMCJ120
1.5SMCJ120C
120.0
133.00
163.00
1
5.0
5.0
214.0
7.0
C120V
C120C
1.5SMCJ120A
1.5SMCJ120CA
120.0
133.00
147.00
1
5.0
5.0
193.0
7.8
C120A
C120D
1.5SMCJ130
1.5SMCJ130C
130.0
144.00
176.00
1
5.0
5.0
231.0
6.5
C130V
C130C
1.5SMCJ130A
1.5SMCJ130CA
130.0
144.00
159.00
1
5.0
5.0
209.0
7.2
C130A
C130D
1.5SMCJ150
1.5SMCJ150C
150.0
167.00
204.00
1
5.0
5.0
268.0
5.6
C150V
C150C
1.5SMCJ150A
1.5SMCJ150CA
150.0
167.00
185.00
1
5.0
5.0
243.0
6.2
C150A
C150D
1.5SMCJ160
1.5SMCJ160C
160.0
178.00
218.00
1
5.0
5.0
287.0
5.2
C160V
C160C
1.5SMCJ160A
1.5SMCJ160CA
160.0
178.00
197.00
1
5.0
5.0
259.0
5.8
C160A
C160D
1.5SMCJ170
1.5SMCJ170C
170.0
189.00
231.00
1
5.0
5.0
304.0
4.9
C170V
C170C
1.5SMCJ170A
1.5SMCJ170CA
170.0
189.00
209.00
1
5.0
5.0
275.0
5.5
C170A
C170D
1.5SMCJ188
1.5SMCJ188C
188.0
209.00
255.00
1
5.0
5.0
344.0
4.4
C188V
C188C
1.5SMCJ188A
1.5SMCJ188CA
188.0
209.00
231.00
1
5.0
5.0
325.0
4.6
C188A
C188D
http://www.yeashin.com
3
REV.04 20
Test
Current
Max.
Reverse
Stand-off
Voltage
VRWM
Min.
Max.
UNI
BI
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
Part Number
Breakdown Voltage
Reverse Leakage
Voltage
Clamp
Peak
Current
Pulse
Package
SMC/DO-214AB
Device Marking Code
VBR @ IT
IT
IR@VRWM
Vc@ Ipp
Ipp
1.5SMCJ200A
CJ200CA
1
5.0
5.0
0
4.6
1
5.0
5.0
356.0
4.2
C200A
224.00
247.00
200.0
246.00
272.00
220.0
CJ220A
CJ220CA
324.
C200D
C220A
C220D
1.5SM
1.5SM
1.5SM
150105



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com