Electronic Components Datasheet Search
  English  ▼

X  

LP0701LG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # LP0701LG-G
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701LG-G Datasheet(HTML) 1 Page - Supertex, Inc

  LP0701LG-G Datasheet HTML 1Page - Supertex, Inc LP0701LG-G Datasheet HTML 2Page - Supertex, Inc LP0701LG-G Datasheet HTML 3Page - Supertex, Inc LP0701LG-G Datasheet HTML 4Page - Supertex, Inc LP0701LG-G Datasheet HTML 5Page - Supertex, Inc LP0701LG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-LP0701
B071513
LP0701
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±10V
Operating and storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
TO-92
8-Lead SOIC
D
D
D
D
G
S
NC
NC
Features
► Ultra-low threshold
► High input impedance
► Low input capacitance
► Fast switching speeds
► Low on-resistance
► Freedom from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces
► Solid state relays
► Battery operated systems
► Photo voltaic drives
► Analog switches
► General purpose line drivers
P-Channel Enhancement-Mode
Lateral MOSFET
General Description
These enhancement-mode (normally-off) transistors utilize
a lateral MOS structure and Supertex’s well-proven silicon-
gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar
transistors and with the high input impedance and negative
temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, these devices are free
from thermal runaway and thermally induced secondary
breakdown. The low threshold voltage and low on-resistance
characteristics are ideally suited for hand held, battery
operated applications.
Product Marking
8-Lead SOIC
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
LP
0701
YYWW
TO-92
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
P0701
LLLL
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
GATE
SOURCE
DRAIN
Product Summary
BV
DSS/BVDGS
R
DS(ON)
V
GS(TH)
I
D(ON)
-16.5V
3.0kΩ
-1.0V (max) 3.0mA (min)
-G denotes a lead (Pb)-free / RoHS compliant package
Refer to ‘P0xx’ Tape & Reel Specs for P002, P003, P005, P013, and P014
TO-92 Taping Specifications and Winding Styles
Part Number
Package Options
Packing
LP0701LG-G
8-Lead SOIC
2500/Reel
LP0701N3-G
TO-92
1000/Bag
LP0701N3-G P002
TO-92
2000/Reel
LP0701N3-G P003
TO-92
2000/Reel
LP0701N3-G P005
TO-92
2000/Reel
LP0701N3-G P013
TO-92
2000/Reel
LP0701N3-G P014
TO-92
2000/Reel
Ordering Information


Similar Part No. - LP0701LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - LP0701LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com