Electronic Components Datasheet Search
  English  ▼

X  

LP0701LG-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # LP0701LG-G
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701LG-G Datasheet(HTML) 3 Page - Supertex, Inc

  LP0701LG-G Datasheet HTML 1Page - Supertex, Inc LP0701LG-G Datasheet HTML 2Page - Supertex, Inc LP0701LG-G Datasheet HTML 3Page - Supertex, Inc LP0701LG-G Datasheet HTML 4Page - Supertex, Inc LP0701LG-G Datasheet HTML 5Page - Supertex, Inc LP0701LG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-LP0701
B071513
LP0701
Typical Performance Curves
Saturation Characteristics
0-1-2-3-5
-4
Maximum Rated Safe Operating Area
-0.1
-100
-10
-1.0
-0.1
-1.0
-10
-0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.00110
0.01
0.1
1.0
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-2.0
-1.0
Power Dissipation vs. Case Temperature
0150
100
50
2
1
0
125
75
25
T
A = -55
O
C
TO-92 (DC)
SO-8 (DC)
TO-92
TO-92/SO-8 (pulsed)
-4V
-3V
-2V
-1V
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
Output Characteristics
-2.5
-2.0
-1.5
-1.0
-0.5
0
0-4-8-12
-16
V
GS = -5.0V
-4V
-3V
-2V
-1V
V
DS (volts)
T
C (
O
C)
I
D (amperes)
V
DS (volts)
t
p (seconds)
TO-92
T
C = 25V
P
D = 1.0W
SO-8
V
DS (volts)
V
GS = -5.0V
V
DS = -15V
T
A = 25
O
C
T
A = 125
O
C
T
C = 25
O
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com