Electronic Components Datasheet Search
  English  ▼

X  

LND01 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LND01
Description  Lateral N-Channel Depletion-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LND01 Datasheet(HTML) 1 Page - Supertex, Inc

  LND01 Datasheet HTML 1Page - Supertex, Inc LND01 Datasheet HTML 2Page - Supertex, Inc LND01 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
LND01
Doc.# DSFP-LND01
B031414
General Description
The LND01 is a low threshold, depletion-mode (normally-on)
transistor utilizing an advanced lateral DMOS structure and
Supertex’s well-proven silicon-gate manufacturing process.
This combination produces a device with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-induced
secondary breakdown.
The body of the transistor is connected to the GATE pin.
The channel is therefore being pinched off by both the Gate
and body. The GATE pin will have a diode connected to the
drain terminal and another diode connected to the source
terminal.
Absolute Maximum Ratings
Parameter
Value
Drain-to-Source voltage
BV
DSX
Source-to-Drain voltage
BV
SDX
Gate-to-Source voltage
-12V to +0.6V
Gate-to-Drain voltage
-12V to +0.6V
Operating temperature range
-25°C to +125°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
Ordering Information
Part Number
Package Option
Packing
LND01K1-G
5-Lead SOT-23
2500/Reel
-G indicates package is RoHS compliant (‘Green’)
Product Marking
5-Lead SOT-23
NDUW W = Code for Week Sealed
= “Green” Packaging
Packages may or may not include the following marks: Si or
5-Lead SOT-23
Lateral N-Channel
Depletion-Mode MOSFET
3 (N/C)
2 (GATE)
1 (N/C)
4 (DRAIN)
5 (SOURCE)
Pin Configuration
Features
► Bi-directional
► Low on-resistance
► Low input capacitance
► Fast switching speeds
► High input impedance and high gain
► Low power drive requirement
► Ease of paralleling
Applications
► Normally-on switches
► Solid state relays
► Converters
► Constant current sources
► Analog switches
Product Summary
BV
DSX/BVSDX
(min V)
R
DS(ON)/RSD(ON)
(max Ω)
I
DSS/ISDD
(min mA)
9.0
1.4
300


Similar Part No. - LND01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LND01 MICROCHIP-LND01 Datasheet
463Kb / 12P
Lateral N-Channel Depletion-Mode MOSFET
11/07/16
LND01K1-G MICROCHIP-LND01K1-G Datasheet
463Kb / 12P
Lateral N-Channel Depletion-Mode MOSFET
11/07/16
More results

Similar Description - LND01

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
N-Channel Depletion Mode Lateral DMOS FET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Microchip Technology
LND01 MICROCHIP-LND01 Datasheet
463Kb / 12P
Lateral N-Channel Depletion-Mode MOSFET
11/07/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com