Electronic Components Datasheet Search
  English  ▼

X  

LND01 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LND01
Description  Lateral N-Channel Depletion-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LND01 Datasheet(HTML) 2 Page - Supertex, Inc

  LND01 Datasheet HTML 1Page - Supertex, Inc LND01 Datasheet HTML 2Page - Supertex, Inc LND01 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Supertex inc.
www.supertex.com
2
LND01
Doc.# DSFP-LND01
B031414
Electrical Characteristics (@25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Unit Conditions
BV
DSX
Drain-to-Source breakdown voltage
9.0
-
-
V
V
GS = -3.0V, IDS = 10µA
BV
SDX
Source-to-Drain breakdown voltage
9.0
-
-
V
V
GD = -3.0V, ISD = 10µA
V
GS(OFF)
Gate-to-Source off voltage
-0.8
-
-3.0
V
V
DS = 9.0V, IDS = 1.0µA
V
SG(OFF)
Source-to-Gate off voltage
-0.8
-
-3.0
V
V
SD = 9.0V, ISD = 1.0µA
V
GS
Gate-to-Source diode
-12
-
0.6
V
I
GS = ±1.0µA
V
GD
Gate-to-Drain diode
-12
-
0.6
V
I
GD = ±1.0µA
I
DS(OFF)
Drain-to-Source leakage current
-
-
1.0
µA
V
GS = -3.0V, VDS = 9.0V
I
SD(OFF)
Source-to-Drain leakage current
-
-
1.0
µA
V
GD = -3.0V, VSD = 9.0V
I
DSS
Saturated Drain-to-Source current
300
-
-
mA
V
GS = 0V, VDS = 9.0V
I
SDD
Saturated Source-to-Drain current
300
-
-
mA
V
GD = 0V, VSD = 9.0V
R
DS(ON)
Static Drain-to-Source on-state resistance
-
0.9
1.4
Ω
V
GS = 0V, IDS = 100mA
R
SD(ON)
Static Source-to-Drain on-state resistance
-
0.9
1.4
Ω
V
GD = 0V, ISD = 100mA
G
FS
Forward transconductance
200
-
-
mmho V
DS = 9.0V, IDS = 50mA
C
ISS
Input capacitance
-
46
-
pF
V
GS = -3.0V
V
DS = 5.0V
f = 1.0MHz
C
OSS
Common source output capacitance
-
32
-
C
RSS
Reverse transfer capacitance
-
23
-
t
d(ON)
Turn-on delay time
-
3.8
-
ns
V
DD = 9.0V,
I
DS = 100mA
R
GEN = 25Ω
t
r
Rise time
-
11
-
t
d(OFF)
Turn-off delay time
-
1.0
-
t
f
Fall time
-
6.4
-
Notes:
1.
All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Notes:
† I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Package
I
D
(continuous)†
(mA)
I
D
(pulsed)
(mA)
Power Dissipation
@T
A = 25°C
(W)
θ
ja
(°C/W)
5-Lead SOT-23 (K1)
330
600
0.36
253
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
0V
INPUT
-3.0V
VDD
OUTPUT
0V
R
GEN
t
f
SOURCE
GATE
DRAIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com