Electronic Components Datasheet Search
  English  ▼

X  

PA04 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA04
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA04 Datasheet(HTML) 4 Page - Cirrus Logic

  PA04 Datasheet HTML 1Page - Cirrus Logic PA04 Datasheet HTML 2Page - Cirrus Logic PA04 Datasheet HTML 3Page - Cirrus Logic PA04 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPERATING
CONSIDERATIONS
PA04 • PA04A
GENERAL
Please read the “General Operating Considerations” sec-
tion, which covers stability, supplies, heatsinking, mounting,
current limit, SOA interpretation, and specification interpreta-
tion. Additional information can be found in the application
notes. For information on the package outline, heatsinks, and
mounting hardware, consult the “Accessory and Package
Mechanical Data” section of the handbook. The EK04 Evalu-
ation Kit makes prototype circuits a snap by providing an
EK04PC proto circuit board, MS05 mating socket, HS11
heatsink and hardware kit.
CURRENT LIMIT
The two current limit sense lines are to be connected directly
across the current limit sense resistor. For the current limit to
work correctly pin 11 must be connected to the amplifier
output side and pin 10 connected to the load side of the
current limit resistor, R
CL, as shown in Figure 1. This
connection will bypass any parasitic resistances, Rp, formed
by sockets and solder joints as well as internal amplifier losses.
The current limiting resistor may not be placed anywhere in the
output circuit except where shown in Figure 1.
The value of the current limit resistor can be calculated as
follows:
.76
R
CL =
I
LIMIT
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE:
The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
SLEEP MODE OPERATION
In the sleep mode, pin 12 (sleep) is tied to pin 9 (+V
BOOST).
This disables the amplifier’s internal reference and the ampli-
fier shuts down except for a trickle current of 3 mA which flows
into pin 12. Pin 12 should be left open if the sleep mode is not
required.
Several possible circuits can be built to take advantage of
this mode. In Figure 2A a small signal relay is driven by a logic
gate. This removes the requirement to deal with the common
mode voltage that exists on the shutoff circuitry since the sleep
mode is referenced to the +V
BOOST voltage.
In Figure 2B, circuitry is used to level translate the sleep
mode input signal. The differential input activates sleep mode
with a differential logic level signal and allows common mode
voltages to
±V
BOOST.
BOOST OPERATION
With the V
BOOST
feature the small signal stages of the
amplifier are operated at higher supply voltages than the
amplifier’s high current output stage. +V
BOOST (pin 9) and
–V
BOOST (pin 5) are connected to the small signal circuitry of the
amplifier. +V
S (pin 8) and –VS (pin 6) are connected to the high
current output stage. An additional 5V on the V
BOOST
pins is
sufficient to allow the small signal stages to drive the output
transistors into saturation and improve the output voltage
swing for extra efficient operation when required. When close
swings to the supply rails is not required the +V
BOOST and +VS
pins must be strapped together as well as the –V
BOOST and –VS
pins. The boost voltage pins must not be at a voltage lower than
the V
S pins.
COMPENSATION
The external compensation components C
C and RC are
connected to pins 3 and 4. Unity gain stability can be achieved
at any compensation capacitance greater than 330 pF with at
least 60 degrees of phase margin. At higher gains more phase
shift can be tolerated in most designs and the compensation
capacitance can accordingly be reduced, resulting in higher
bandwidth and slew rate. Use the typical operating curves as
a guide to select C
C and RC for the application.
Figure 2A. Sleep mode circuit.
LOGIC
K1
9
12
9
12
+V
BOOST
SLEEP
+V
BOOST
SLEEP
560
470
Q1
1K
Q2
–V
BOOST
470
LOGIC
INPUT
+
-
Ω
Ω
Ω
Ω
Figure 2B.
Sleep mode circuit.
R f
Ri
1
2
10
11
R
CL
PA04
R
P
R
L
CL
CL
INPUT
7
Figure 1.
Current Limit.
5.0
2.0
.5
.2
2
SUPPLY TO OUTPUT DIFFERENTIAL (V)
5
10
20
50
200
20
DC
Tc
=
125°C
DC
Tc
=
85°C
DC
Tc
=
25°C
t =
10ms
t =
1ms
10
100
1.0
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA04U REV. I DECEMBER 1997
© 1997 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com