Electronic Components Datasheet Search
  English  ▼

X  

PA04 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA04
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA04 Datasheet(HTML) 1 Page - Cirrus Logic

  PA04 Datasheet HTML 1Page - Cirrus Logic PA04 Datasheet HTML 2Page - Cirrus Logic PA04 Datasheet HTML 3Page - Cirrus Logic PA04 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
PA04
USA
BeO
∆
TE949311
12
9
1
5
6
8
10
11
7
2
4
3
SLEEP
+VBOOST
Q10
–IN
Q14 Q15
Q21
–VBOOST
COMP
Q22
+IN
Q20
COMP
Q17
D1
Q5
Q12
Q19
Q26
Q18
Q13
+Vs
Q6
I LIM
I LIM
OUT
Q7
–Vs
D5
D6
D2
D3
D7
D9
D8
D4
TYPICAL APPLICATION
The high power bandwidth and high voltage output of the
PA04 allows driving sonar transducers via a resonant circuit
including the transducer and a matching transformer. The load
circuit appears resistive to the PA04. Control logic turns off the
amplifier in sleep mode.
Sonar Transducer Driver
EXTERNAL CONNECTIONS
PHASE COMPENSATION
Gain
C
C
R
C
1
470pF
120
Ω
>3
220pF
120
Ω
≥10
100pF
120
Ω
C
C RATED FOR FULL SUPPLY VOLTAGE
*See “BOOST OPERATION” paragraph.
CONTROL
LOGIC
ULTRA-
SONIC
DRIVE
R f
R i
1
12
2
7
10
11
R CL
TUNED
TRANSFORMER
PA04
TOP
VIEW
-INPUT
+INPUT
SLEEP
CURRENT LIMIT
CURRENT LIMIT
CC
R C
1
2
3
4
5
6
12
11
10
9
8
7
TOP
VIEW
COMP
-VBOOST
-SUPPLY
+VBOOST
+SUPPLY
OUTPUT
*
*
COMP
FEATURES
• HIGH INTERNAL DISSIPATION — 200 WATTS
• HIGH VOLTAGE, HIGH CURRENT — 200V, 20A
• HIGH SLEW RATE — 50V/
µS
• 4 WIRE CURRENT LIMIT SENSING
• LOW DISTORTION
• EXTERNAL SLEEP MODE CONTROL
• OPTIONAL BOOST VOLTAGE INPUTS
• EVALUATION KIT — SEE EK04
APPLICATIONS
• SONAR TRANSDUCER DRIVER
• LINEAR AND ROTARY MOTOR DRIVES
• YOKE/MAGNETIC FIELD EXCITATION
• PROGRAMMABLE POWER SUPPLIES TO
±95V
• AUDIO UP TO 400W
DESCRIPTION
The PA04 is a high voltage MOSFET power operational
amplifier that extends the performance limits of power ampli-
fiers in slew rate and power bandwidth, while maintaining high
current and power dissipation ratings.
The PA04 is a highly flexible amplifier. The sleep mode
feature allows ultra-low quiescent current for standby opera-
tion or load protection by disabling the entire amplifier. Boost
voltage inputs allow the small signal portion of the amplifier to
operate at a higher voltage than the high current output stage.
The amplifier is then biased to achieve close linear swings to
the supply rails at high currents for extra efficient operation.
External compensation tailors performance to user needs. A
four wire sense technique allows precision current limiting
without the need to consider internal or external milliohm
parasitic resistance in the output line.
The JEDEC MO-127 12-pin Power Dip™ package (see
Package Outlines) is hermetically sealed and isolated from the
internal circuits. The use of compressible thermal washers will
void product warranty.
EQUIVALENT SCHEMATIC
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
POWER OPERATIONAL AMPLIFIERS
PA04 • PA04A


Similar Part No. - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
Power Operational Amplifier
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
THT POWER INDUCTORS
PA0430L PULSE-PA0430L Datasheet
414Kb / 2P
THT Power Inductors
More results

Similar Description - PA04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com