Electronic Components Datasheet Search
  English  ▼

X  

GC2011A-PQ Datasheet(PDF) 42 Page - Texas Instruments

Part # GC2011A-PQ
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A-PQ Datasheet(HTML) 42 Page - Texas Instruments

Back Button GC2011A-PQ Datasheet HTML 38Page - Texas Instruments GC2011A-PQ Datasheet HTML 39Page - Texas Instruments GC2011A-PQ Datasheet HTML 40Page - Texas Instruments GC2011A-PQ Datasheet HTML 41Page - Texas Instruments GC2011A-PQ Datasheet HTML 42Page - Texas Instruments GC2011A-PQ Datasheet HTML 43Page - Texas Instruments GC2011A-PQ Datasheet HTML 44Page - Texas Instruments GC2011A-PQ Datasheet HTML 45Page - Texas Instruments GC2011A-PQ Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Texas Instruments Incorporated
- 38 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
7.0
SPECIFICATIONS
7.1
ABSOLUTE MAXIMUM RATINGS
7.2
RECOMMENDED OPERATING CONDITIONS
7.3
THERMAL CHARACTERISTICS
Table 16: Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
5
V
Input voltage (undershoot and overshoot)
VIN
-0.5
VCC+0.5
V
Storage Temperature
TSTG
-65
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Table 17: Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
3.1
3.5
V
Temperature Ambient, no air flow
TA
-40
+85
°C
1
Junction Temperature
TJ
125
°C
1
Notes:
1. Thermal management is required to keep TJ below MAX for full rate operation. See Table 17 below.
Table 18: Thermal Data
THERMAL
CONDUCTIVITY
SYMBOL
GC2011A-PB
GC2011A-PQ
UNITS
2 Watts
2 Watts
Theta Junction to Ambient
θja
TBD
18
°C/W
Theta Junction to Case
θjc
TBD
4
°C/W
Note: Air flow will reduce
θja and is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com