Electronic Components Datasheet Search
  English  ▼

X  

GC2011A-PQ Datasheet(PDF) 2 Page - Texas Instruments

Part # GC2011A-PQ
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A-PQ Datasheet(HTML) 2 Page - Texas Instruments

  GC2011A-PQ Datasheet HTML 1Page - Texas Instruments GC2011A-PQ Datasheet HTML 2Page - Texas Instruments GC2011A-PQ Datasheet HTML 3Page - Texas Instruments GC2011A-PQ Datasheet HTML 4Page - Texas Instruments GC2011A-PQ Datasheet HTML 5Page - Texas Instruments GC2011A-PQ Datasheet HTML 6Page - Texas Instruments GC2011A-PQ Datasheet HTML 7Page - Texas Instruments GC2011A-PQ Datasheet HTML 8Page - Texas Instruments GC2011A-PQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Texas Instruments Incorporated
- i -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
REVISION HISTORY
Revision
Date
Description
0.0
3 Feb 1999
Original
1.0
22 Sept, 1999
Preliminary markings removed
Section 7: Electrical and timing tables changed to reflect production test
Pg 19, Sec 3.7, Table 8, changed Hilbert Transform output register to 2000
Pg 25: added ball grid array package
Pg 33: changed the gain equation to reference the MSBs of the input and output.
1.1
21 Mar 2000
Page 25, Rotated marking text on PBGA package
Page 35, Snap rate of 2 is invalid
Page 39, Changed test load to +/- 2mA from 4mA
Page 40, Changed Output delay threshold (Note 4) to 1.3v.
Page 40, Changed Data to output MIN delay to 1ns to match test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com