Electronic Components Datasheet Search
  English  ▼

X  

LM2435 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2435
Description  Monolithic Triple 5.5 ns CRT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2435 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2435 Datasheet HTML 2Page - National Semiconductor (TI) LM2435 Datasheet HTML 3Page - National Semiconductor (TI) LM2435 Datasheet HTML 4Page - National Semiconductor (TI) LM2435 Datasheet HTML 5Page - National Semiconductor (TI) LM2435 Datasheet HTML 6Page - National Semiconductor (TI) LM2435 Datasheet HTML 7Page - National Semiconductor (TI) LM2435 Datasheet HTML 8Page - National Semiconductor (TI) LM2435 Datasheet HTML 9Page - National Semiconductor (TI) LM2435 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Hints (Continued)
board. Note that the heatsink is attached (soldered) to PCB
ground just to the left and just to the right of the device. The
LM2435 is attached to the heatsink using a screw, star
washer and nut. The star washer should be located on the
side of the heatsink opposite the device.
NSC DEMONSTRATION BOARD
Figure 11 shows routing and component placement on the
NSC LM1279/243X demonstration board. The schematic of
the board is shown in
Figure 10. This board provides a good
example of a layout that can be used as a guide for future
layouts. Note the location of the following components:
•
C54, C56 — V
CC bypass capacitor, located very close to
pin 4 and ground connections to the device.
•
C43, C44 — V
BB bypass capacitors, located close to pin
8 and ground.
•
C53, C55 — V
CC bypass capacitors, near LM2435 and
V
CC clamp diodes. This is very important for arc protec-
tion.
The routing of the LM2435 outputs to the CRT is very critical
to achieving optimum performance.
Figure 12 shows the
routing and component placement from pin 1 of the LM2435
to the red cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2435 to
the red cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that the arc protection diodes, D16
and D17 are placed close to L1 and C14 in order to minimize
the size of the node connecting all these components. R21
and D9 are placed close to C14 and R32 for the same rea-
son. This minimizes parasitic capacitance in the video path
and also enhances the effectiveness of the protection di-
odes. The anode of protection diode D16 is connected di-
rectly to a section of the ground plane that has a short and
direct path to the LM2435 ground. The cathode of D16 is
connected to V
CC very close to decoupling capacitor C53
(see
Figure 12) which is connected to the same section of
the ground plane as D17. The diode placement and routing
is very important for minimizing the voltage stress on the
LM2435 during an arc over event. Lastly, notice that S1 is
placed very close to the red cathode and is tied directly to
CRT ground.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com