Electronic Components Datasheet Search
  English  ▼

X  

LM2435 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2435
Description  Monolithic Triple 5.5 ns CRT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2435 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2435 Datasheet HTML 1Page - National Semiconductor (TI) LM2435 Datasheet HTML 2Page - National Semiconductor (TI) LM2435 Datasheet HTML 3Page - National Semiconductor (TI) LM2435 Datasheet HTML 4Page - National Semiconductor (TI) LM2435 Datasheet HTML 5Page - National Semiconductor (TI) LM2435 Datasheet HTML 6Page - National Semiconductor (TI) LM2435 Datasheet HTML 7Page - National Semiconductor (TI) LM2435 Datasheet HTML 8Page - National Semiconductor (TI) LM2435 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2435
Monolithic Triple 5.5 ns CRT Driver
General Description
The LM2435 is an integrated high voltage CRT driver circuit
designed for use in color monitor applications. The IC con-
tains three high input impedance, wide band amplifiers
which directly drive the RGB cathodes of a CRT. Each chan-
nel has its gain internally set to −14 and can drive CRT ca-
pacitive loads as well as resistive loads present in other ap-
plications, limited only by the package’s power dissipation.
The IC is packaged in an industry standard 9-lead TO-220
molded plastic power package. See Thermal Considerations
section.
Features
n Dissipates approximately 45% less power than the
LM2405
n Well matched with LM1279 and LM1282/83 video
preamps
n 0V to 5V input range
n Stable with 0 pF–20 pF capacitive loads and inductive
peaking networks
n Convenient TO-220 staggered lead package style
n Standard LM243X Family Pinout which is designed for
easy PCB layout
Applications
n 1280 x 1024 Displays up to 75 Hz Refresh
n Pixel clock frequencies up to 135 MHz
n Monitors using video blanking
Schematic and Connection Diagrams
DS101044-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS101044-2
Note: TabisatGND
Top View
Order Number LM2435T
August 1999
© 1999 National Semiconductor Corporation
DS101044
www.national.com


Similar Part No. - LM2435

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM243-155.52M CONNOR-WINFIELD-LM243-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
National Semiconductor ...
LM2432TE NSC-LM2432TE Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2433 NSC-LM2433 Datasheet
914Kb / 13P
220V Monolithic Single Channel 16 MHz EDTV CRT Driver
More results

Similar Description - LM2435

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com